Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGAWDS Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVTL01LGAWDS
Description  1-Watt Cup Series Flush Mount and Surface Mount Packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL01LGAWDS Datasheet(HTML) 1 Page - OPTEK Technologies

  OVTL01LGAWDS Datasheet HTML 1Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 2Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 3Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 4Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 5Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 6Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 7Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 8Page - OPTEK Technologies OVTL01LGAWDS Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B.2 01/07
Page 1 of 10
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt Cup Series
Flush Mount and Surface Mount Packages
OVTL01LGA Series
•
Robust energy-efficient design with long operating life
•
Low thermal resistance (2°C/W)
•
Exceptional spatial uniformity
•
Optional optics to suit application
•
Available in amber, blue, green, red, cool white, daylight
white, and warm white
The OVTL01LGAx Series offers an energy-efficient packaged LED source providing high luminance, low thermal
resistance, a water-clear lens, and a long operating lifespan. Devices have a 135°typical viewing angle with
optional optics available and two mounting options:
1.
Flush Mount—The shallow-gullwing package is designed to be countersunk into a hole or cavity in the PC
board for a low profile of only 1.12mm.
2.
Surface Mount—The deep-gullwing package is easily mounted on the solid surface of the PC board (Part
numbers end in “S”)
Applications
•
Automotive exterior and interior lighting
•
Architectural lighting
•
Electronic signs and signals
Product Photo Here
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
Part Number
Viewing Angle Emitted Color
Typical Luminous
Flux (lm)
Typical On-Axis
Intensity (cd)
Package
OVTL01LGAA
Amber
38
12.5
Flush Mount
OVTL01LGAB
Blue
15
5
Flush Mount
OVTL01LGAG
Green
52
16
Flush Mount
OVTL01LGAR
Red
53
8.5
Flush Mount
OVTL01LGAW
Cool White
50
14
Flush Mount
135°
OVTL01LGAWD
Daylight White
45
12.5
Flush Mount
OVTL01LGAWW
Warm White*
30
11
Flush Mount
OVTL01LGAAS
Amber
38
12.5
Surface Mount
OVTL01LGABS
Blue
15
5
Surface Mount
OVTL01LGAGS
Green
52
16
Surface Mount
OVTL01LGARS
Red
53
8.5
Surface Mount
OVTL01LGAWS
Cool White
50
14
Surface Mount
OVTL01LGAWDS
Daylight White
45
12.5
Surface Mount
OVTL01LGAWWS
Warm White*
30
11
Surface Mount
3
*Preliminary data only


Similar Part No. - OVTL01LGAWDS

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVTL01LGAWDS TTELEC-OVTL01LGAWDS Datasheet
751Kb / 10P
Lednium Series Optimal I
More results

Similar Description - OVTL01LGAWDS

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
573300D00010 AAVID-573300D00010 Datasheet
89Kb / 2P
For use with Surface Mount packages
2/25/2003
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
For use with Surface Mount packages
2/25/2003
logo
Frontier Electronics.
ZM200-X FRONTIER-ZM200-X Datasheet
120Kb / 2P
1 WATT SURFACE MOUNT ZENER DIODE
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2810 AVAGO-HSMS-2810 Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
HSMP-3863-TR1G AVAGO-HSMP-3863-TR1G Datasheet
356Kb / 10P
Unique Configurations in Surface Mount Packages
logo
ANADIGICS, Inc
AN-0001 ANADIGICS-AN-0001 Datasheet
60Kb / 6P
Surface Mount Assembly and Handling of ANADIGICS LPCC Packages
05/2003
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-BLKG AVAGO-HSMP-3864-BLKG Datasheet
273Kb / 10P
Unique Configurations in Surface Mount Packages
logo
Microsemi Corporation
SMBJ24AE3 MICROSEMI-SMBJ24AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
SMBJ30CAE3 MICROSEMI-SMBJ30CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
SMBJ33AE3 MICROSEMI-SMBJ33AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com