Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSRWACR6 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSRWACR6
Description  White Surface Mount LED Lamp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSRWACR6 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSRWACR6 Datasheet HTML 1Page - OPTEK Technologies OVSRWACR6 Datasheet HTML 2Page - OPTEK Technologies OVSRWACR6 Datasheet HTML 3Page - OPTEK Technologies OVSRWACR6 Datasheet HTML 4Page - OPTEK Technologies OVSRWACR6 Datasheet HTML 5Page - OPTEK Technologies OVSRWACR6 Datasheet HTML 6Page - OPTEK Technologies OVSRWACR6 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A.3 03/07
Page 2 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings
TA = 25
o C (on metal core PCB1) unless otherwise noted
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-30 ~ +85°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, 1 KHz)
80 mA
Power Dissipation
120 mW
Forward Current Reduction
-0.50 mA/°C
Electrical Characteristics
TA = 25
o C (on metal core PCB1) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
1
----
1000
----
mcd
IF = 20 mA
VF
Forward Voltage
2.8
3.4
3.9
V
IF = 20 mA
IR
Reverse Current
----
----
5.0
µA
VR = 5 V
2 Θ½
50% Power Angle
----
x=120°
y=110°
----
deg
IF = 20 mA
x
Chromaticity Coordinates
Ranking Table Applies
(see below)
----
IF = 20 mA
y
----
IF = 20 mA
Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000 PPM.
3. To designate luminous intensity ranks, please contact OPTEK.
Rank
AD
BE
Chromaticity
Coordinates
x
0.279 0.273 0.282
0.287
0.278 0.287
0.290 0.282 0.282 0.290 0.293 0.287
y
0.249 0.259 0.274
0.263
0.282 0.291
0.281 0.274 0.274 0.281 0.270 0.263
BF
Standard Bins (I
F = 20 mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates (x, y) bins shown.
Orders for OVSPWFCR6 may be filled with any or all bins contained as below.
White Surface Mount LED Lamp
OVSRWACR6
Rank
BG
BH
Chromaticity
Coordinates
x
0.287 0.298 0.300
0.290
0.290 0.300
0.302 0.293 0.300 0.298 0.307 0.308
y
0.291 0.302 0.292
0.281
0.281 0.292
0.281 0.270 0.292 0.302 0.311 0.300
BJ
Rank
BK
Chromaticity
Coordinates
x
0.302 0.300 0.308 0.309
y
0.281 0.292 0.300 0.289
Rank
AA
AB
Chromaticity
Coordinates
x
0.263 0.255 0.266
0.273
0.271 0.263
0.273 0.279 0.273 0.266 0.278 0.282
y
0.245 0.254 0.268
0.259
0.235 0.245
0.259 0.249 0.259 0.268 0.282 0.274
AC
Luminous Intensity is
at 6 bin or above.
AA
AB
AC
AD
BE
BF
BG
BH
BJ
BK
1000–1100
8
930–1000
7
860–930
6
Chromaticity Coordinates (x, y)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com