Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5WBCR4 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVS5WBCR4
Description  5-Watt SMD 6mm White (120째 Viewing Angle)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5WBCR4 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVS5WBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS5WBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5WBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5WBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5WBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5WBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5WBCR4 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 12/06
Page 2 of 7
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
.5-Watt SMD 6mm White
OVS5WBCR4
Absolute Maximum Ratings T
A = 25°C
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal conductivity = 18K/W for white
DC Forward Current
Peak Pulsed Forward Current
1
500mA
Reverse Voltage
Not designed for reverse bias
Junction Temperature
2
125°C
Power Dissipation
700mW
Storage and Operating Temperature
-40°~ +100 °C
ESD Threshold (HBM)
2000V
180mA
Optical and Electrical Characteristics—White (I
F = 150 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
3.0
3.2
3.7
V
Φ
Luminous Flux
14
21
28
lm
2 Θ½
50% Power Angle
----
120
----
deg
IR
Reverse Current at 3V
----
10
----
µA
IV
Luminous Intensity
5.6
8.5
11.2
cd
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
X1
X2
X3
Y1
Y2
Y3
White Bin Structure
Standard Bins (I
F = 150 mA)
Lamps are sorted to luminous flux (Φ), chromaticity coordinates, and correlated color temperature (CCT) bins
shown. Orders may be filled with any or all bins contained as below.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com