Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PK2 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # PK2
Description  Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

PK2 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  PK2 Datasheet HTML 1Page - Willow Technologies Ltd PK2 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK

Pulstors Resistors for high voltage peak pulsing
energy control , high frequency non-inductive
Resistance Tolerance :
10% Typ, 2%, 5% availble
Temperature Coefficient :
Std. 100ppm/°C typ., referenced to 25°C, from
-15°C to +105°C, other TCR available upon
requests.
Thermal Shock :
Mil-Std-202F, Method107 Cond. C, dR 2.0%
typ.
Load Life :
1.000 hours at rated Pulse power dR 5.0%
Repetive High Voltage Impulsing :
10,000cycles 1sec on 1sec off dR 2.0%
Moisture Resistance :
Mil-Std-202, Method 106, dR 1.0% typ.
Lead Material :
PK2 PK3 PK5 ; dia 1mm tinned copper wire
PK10 PK15 ; Ni plated brass 4 terminals
in radial
Insulation Resistance :
10,000Megohms Min.
Termination Cap of Material :
Tinned Cap / Ni plated brass cap
Encapsulation :
High temp. epoxy conformal / Silicone
conformal / Glass coat
SPECIFICATIONS
DERATING CURVE
cf.: The described specifications & dimensions subject to change without notice.
b
a
5
75
5
75
5
75
35
00
80
60
40
0
0
Ambient-Temperature (˚C)
Model Nr.
1) Voltage
Max Single-
Pulse Energy
[J] *
2) Voltage at 22kΩ~2MΩ
applicable R-Value[Ω}
Repetive Pulse [kVp]
Max. Continuous
Voltage [kVp]
1.2/50㎲
single pulse
PK2
1 ~ 20K
1.5
300
3.5
7
PK3
3 ~ 20K
2.0
500
7
14
PK5
5 ~ 20K
2.5
950
10
20
PK10
1.5 ~ 20K
3
1500
8
15
PK15
2.5 ~ 20K
3.5
2500
12
22
+ Custom R-Value on Request.
++ high voltage energy products voulunerble by a lot of factors , so would better use small q'ty as an order first and get test results, place main order
• Pulse width shall be less than 10 ㎲ at 1R ~ 20kΩ ,and less than 10ms at 22kΩ~2MΩ
1) less than 10 ㎲ pulse width, limited by allowable power rating
2) continous pulsing or dc , ac, they are limited by allowable power rating
cf. a ; epoxy conformal coat
b; glass coat
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com