Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSM910P Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OSM910P
Description  Position Sens ing Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OSM910P Datasheet(HTML) 2 Page - OPTEK Technologies

  OSM910P Datasheet HTML 1Page - OPTEK Technologies OSM910P Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OSM910, OSM910P
Position Detection
Characterisitics
Position on PSD (mm)
Dark Current
vs. Temperature
Temperature (
o C)
Position on PSD (mm)
Sensitivity vs. Temperature
(Light Source @ 880 nm)
Temperature (
o C)
Spectral Response
Wavelength (nm)
Sensitivity vs. Temperature
(Light Source @ 660 nm)
Temperature (
o C)
Typical Performance Curves
I1
I2
Position Detection
Error
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
40
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
lP
Peak Sensitivity Wavelength
920
nm
VR = 5 V
Rl
Responsivity
0.30
A/W
VR = 5 V,
lP = 660 nm
Rl
Responsivity
0.43
A/W
VR = 5 V,
lP = 880 nm
RI
Inter-electrode Resistance
160
K
W
VBIAS = 0.1 V
ID
Dark Current
10
100
nA
VR = 5 V
IS
Saturation Current
220
mA
VR = 5 V,
lP = 880 nm
tr
Rise Time
2.0
10.0
ms
VR = 5 V,
lP = 880 nm
RL = 1 K
W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com