Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # RL1
Description  ULTRA PRECISION METAL FILM RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

RL1 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  RL1 Datasheet HTML 1Page - Willow Technologies Ltd RL1 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data subject to change without notice
See Other Side
Typical Performance (100 ohms – 100K)
Ref: EIA RS-186 (where applicable) %
∆R
%
∆R
1000 Hr. Load Life At 60
°C
Effects Of Solder..................................... <0.01
.1W.............................................................
±0.01
Insulation.............................................>1000M
.3W.............................................................
±0.01
Noise Index...........................................<-30dB
Humidity..........................................................
±0.01
Voltage Coeff..............................<0.05 PPM/V
Thermal Shock ...............................................
±0.01
Shelf Life .........................................<
±50 PPM
Short Time Overload......................................
±0.01
Temperature Coefficients
TC20=0
±20 PPM/°C – 20 to +85°C
TC15=0
±15 PPM/°C – 20 to +85°C
TC10=0
±10 PPM/°C – 20 to +85°C
TC5 =0
±5 PPM/°C – 20 to +85°C
TC2 =0
±2 PPM/°C – 20 to +85°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com