Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAL Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # UAL
Description  Aluminum Housed Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UAL Datasheet(HTML) 2 Page - Willow Technologies Ltd

  UAL Datasheet HTML 1Page - Willow Technologies Ltd UAL Datasheet HTML 2Page - Willow Technologies Ltd UAL Datasheet HTML 3Page - Willow Technologies Ltd UAL Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
rev.03/2006A
SPECIFICATIONS (continued)
UAL Series
Specification
Value
Tolerances
±0.01%to±10%(1%Standard)
Temperature Coefficient
>10W:±20ppm/K
1Wto10W:±50ppm/K
<1W:CallFactory
TemperatureRange
-55°Cto+275°C
DielectricStrength
1500VAC
Constuction
Centerlessgroundceramiccore
Tinnedcopperorcopperweldleads
High-temperatureepoxymoldingCompound
Anodizedaluminumhousing
Allweldedterminations
EnvironmentalPerformance
(MIL-STD202)
D
R
Dielectric
±0.2%+0.05W
LoadLife
±1%+0.05W
Storage
±0.2%+0.05W
MoistureResistance
±0.2%+0.05W
ThermalShock
±0.2%+0.05W
5XOverload(5s)
±0.2%+0.05W
Shock
±0.1%+0.05W
Vibration
±0.1%+0.05W
AluminumHousedWirewoundResistors
PowerDeratingCurve
Free-air Derating
A : UAL-5, UAL-10
B : UAL-25
C : UAL-50, UAL-100, UAL-250
D : UAL-300
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
AmbientTemperature(°C)
Mounted
on
Heatsink
A
B
C
D
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com