Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT-1/2 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # UT-1/2
Description  Silicone Coated Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UT-1/2 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  UT-1/2 Datasheet HTML 1Page - Willow Technologies Ltd UT-1/2 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
rev.03/2006A
Type
WattageRating
(Watts)
Maximum
Ohms2
Dimensions
Maximum
Working
Voltage
MIL-R-26/
MIL-R-39007
Style
A
±0.062”
[±1.6mm]
B
±0.031”
[±0.8mm]
C1
±0.002”
[±0.05mm]
U
V
UT-1
0.1
0.25
500
0.150[3.8]
0.078[2.0]
0.018[0.46]
8.5
UT-1/2A
0.4
0.5
2.5k
0.250[6.4]
0.078[2.0]
0.020 [0.5]
0.025[0.6]
20
UT-1/23
0.75
0.9
7.5k
0.330[8.4]
0.078[2.0]
0.020 [0.5]
0.025[0.6]
29
UT-1A
1.0
1.5
10k
0.406[10.3]
0.094[2.4]
0.020 [0.5]
0.025[0.6]
52
RW-70
UT-2
1.5
2.0
12.5k
0.350[8.9]
0.156[4.0]
0.032 [0.8]
0.025[0.6]
60
UT-2A
2.5
3.0
22k
0.500[12.7]
0.187[4.7]
0.032[0.8]
130
RW-69
UT-2B
3.0
3.75
22k
0.560[14.2]
0.187[4.7]
0.032[0.8]
140
RW-79
RWR-79
UT-2C
3.0
4.0
40k
0.500[12.7]
0.250[6.4]
0.040 [1.0]
0.032[0.8]
140
UT-2E
3.0
3.5
30k
0.500[12.7]
0.200[5.1]
0.032[0.8]
140
UT-3
4.0
5.5
45k
0.625[15.9]
0.250[6.4]
0.032 [0.8]
0.040[1.0]
210
UT-5
5.0
6.5
91k
0.875[22.2]
0.312[7.9]
0.040[1.0]
360
RW-74
RWR-74
UT-5A
5.0
6.5
65k
0.970[24.6]
0.203[5.2]
0.032[0.8]
390
UT-6
5.0
6.5
95k
1.000[25.4]
0.312[7.9]
0.040[1.0]
504
RW-67
UT-7A3
7.0
9.0
150k
1.375[35.0]
0.375[9.5]
0.040[1.0]
650
UT-7B
7.0
9.0
100k
1.400[35.6]
0.312[7.9]
0.040[1.0]
590
UT-7C
7.0
9.0
154k
1.220[31.0]
0.312[7.9]
0.040[1.0]
620
UT-10
10
13
260k
1.780[45.2]
0.375[9.5]
0.040[1.0]
850
RW-78
RWR-78
SPECIFICATIONS (continued)
1
LeadDiameter:18AWG=0.040”/20AWG=0.032”/22AWG=0.025”/24AWG=0.020”/25AWG=0.018”
Wheremorethanoneleadislisted/thetopvalueisStandard
2
Fornon-inductivewindings/dividemaximumresistanceby2
3
ThispartdoesnotmeettheRoHSdirective-callfactoryfordetails
UT Series
SiliconeCoatedPowerResistors
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com