Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT174 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDX4ACT174
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT174 Datasheet(HTML) 5 Page - Texas Instruments

  CDX4ACT174 Datasheet HTML 1Page - Texas Instruments CDX4ACT174 Datasheet HTML 2Page - Texas Instruments CDX4ACT174 Datasheet HTML 3Page - Texas Instruments CDX4ACT174 Datasheet HTML 4Page - Texas Instruments CDX4ACT174 Datasheet HTML 5Page - Texas Instruments CDX4ACT174 Datasheet HTML 6Page - Texas Instruments CDX4ACT174 Datasheet HTML 7Page - Texas Instruments CDX4ACT174 Datasheet HTML 8Page - Texas Instruments CDX4ACT174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25 °C
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
VI = VIH or VIL
IOH = -50 μΑ
4.5 V
4.4
4.4
4.4
V
IOH = -24 mA
4.5 V
3.94
3.7
3.8
IOH = -50 mA
(1)
5.5 V
3.85
IOH = -75 mA
(1)
5.5 V
3.85
VOL
VI = VIH or VIL
IOL = 50 μA
4.5 V
0.1
0.1
0.1
V
IOL = 24 mA
4.5 V
0.36
0.5
0.44
IOL = 50 mA
(1)
5.5 V
1.65
IOL = 75 mA
(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
μA
ΔICC
(2)
VI = VCC - 2.1 V
4.5 V to 5.5 V
2.4
3
2.8
mA
Ci
10
10
10
pF
(1)
Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage
to minimize power dissipation. Test verifies a minimum 50-Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive
capability at 125°C.
(2)
Additional quiescent supply current per input pin, TTL inputs high, 1 unit load
Table 5-1. Act Input Load Table
INPUT
UNIT LOAD
Data
0.5
CLR
0.5
CLK
0.83
5.6 Timing Requirements
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted)
-55°C to 125°C
-40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
80
91
MHz
tw
Pulse duration
CLR low
4
3.5
ns
CLK high or low
6.2
5.4
tsu
Setup time before CLK↑
Data
2
2
ns
th
Hold time, data after CLK ↑
2.5
2.2
ns
trec
Recovery time, before CLK ↑
CLR↑
1.5
1.5
ns
www.ti.com
CD54ACT174, CD74ACT174
SCHS344B – APRIL 2003 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54ACT174 CD74ACT174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com