Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT174M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT174M
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT174M Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT174M Datasheet HTML 1Page - Texas Instruments CD74ACT174M Datasheet HTML 2Page - Texas Instruments CD74ACT174M Datasheet HTML 3Page - Texas Instruments CD74ACT174M Datasheet HTML 4Page - Texas Instruments CD74ACT174M Datasheet HTML 5Page - Texas Instruments CD74ACT174M Datasheet HTML 6Page - Texas Instruments CD74ACT174M Datasheet HTML 7Page - Texas Instruments CD74ACT174M Datasheet HTML 8Page - Texas Instruments CD74ACT174M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CDx4ACT174 Hex D-Type Flip-Flops with Clear
1 Features
• Inputs are TTL-voltage compatible
• Contain six flip-flops with single-rail outputs
• Buffered inputs
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
2 Applications
• Buffer/Storage Registers
• Shift Registers
3 Description
The 'ACT174 devices are positive-edge-triggered D-
type flip-flops with a direct clear (CLR) input and are
designed for 4.5V to 5.5V VCC operation.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4ACT174
BQB (WQFN, 16)
3.5mm × 2.5mm
3.5mm × 2.5mm
D (SOIC, 16)
9.9mm × 6mm
9.9mm × 3.9mm
N (PDIP, 16)
19.3mm × 9.4mm
19.3mm × 6.35mm
PW (TSSOP, 16)
5mm x 6.4mm
5mm x 4.4mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram (Positive Logic)
CD54ACT174, CD74ACT174
SCHS344B – APRIL 2003 – REVISED OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74ACT174M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT174M TI-CD74ACT174M Datasheet
36Kb / 7P
Hex D Flip-Flop with Reset
CD74ACT174M TI-CD74ACT174M Datasheet
316Kb / 10P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD74ACT174M TI1-CD74ACT174M Datasheet
883Kb / 14P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD74ACT174M TI1-CD74ACT174M Datasheet
1Mb / 28P
CDx4ACT174 Hex D-Type Flip-Flops with Clear
OCTOBER 2024
CD74ACT174M96 TI-CD74ACT174M96 Datasheet
316Kb / 10P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - CD74ACT174M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
Hex D-Type Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com