Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C864A Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C864A
Description  Physical Layer Controller With Scrambler (PLC-S)
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C864A Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C864A Datasheet HTML 17Page - Advanced Micro Devices AM79C864A Datasheet HTML 18Page - Advanced Micro Devices AM79C864A Datasheet HTML 19Page - Advanced Micro Devices AM79C864A Datasheet HTML 20Page - Advanced Micro Devices AM79C864A Datasheet HTML 21Page - Advanced Micro Devices AM79C864A Datasheet HTML 22Page - Advanced Micro Devices AM79C864A Datasheet HTML 23Page - Advanced Micro Devices AM79C864A Datasheet HTML 24Page - Advanced Micro Devices AM79C864A Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
AMD
P R E L I M I N A R Y
3-23
Am79C864A
PLC-S Control Register C (PLC_CNTRL_C)
PLC_CNTRL_C has address OA (hex). It is readable
and writeable. Bits 1 through 15 are cleared with the as-
sertion of
RST. Bit 0 (CIPHER_ENABLE) assumes the
same value as SCRM after
RST is asserted.
The PLC_CNTRL_C register bit assignments are listed
in Table 4.
FOTOFF_
CTRL
RESERVED
SDOFF_
TIMER
SDOFF_
TIMER
SDON_
TIMER
SDON_
TIMER
FOTOFF_
CTRL
PLC_CNTRL_C
15
14
13
12
11
10
9
8
15535B-8
7
6
5432
1
0
CIPHER_
ENABLE
SDON_
ENABLE
SDOFF_
ENABLE
RESERVED
CIPHER_
LPBCK
Addr
(Hex)
0A
Table 4. PLC_CNTRL_C
Bit
Name
Definition
15–14
RESERVED
These two bits are reserved for diagnostic purposes and must be 0 for normal operation.
13–12
SDOFF_TIMER
These two bits are used to select the timing values shown for deasserting Signal_Detect
ENABLE bit is set and scrambler/descrambler is enabled either (by SCRM or CIPHER_
ENABLE)
00=0.76
µs
01=1.32
µs
10=2.52
µs
11=5.12
µs
11–10
SDON_TIMER
These two bits are used to select the timing values shown for asserting Signal_Detect if SDON_
ENABLE bit is set and scrambler/descrambler is enabled either by hardware or software.
00=0.84
µs
01=1.32
µs
10=2.52
µs
11=5.12
µs
9–8
FOTOFF _CTRL
These two bits are used to control the assertion of FOTOFF signal of PLC-S if scrambler/
descrambler is enabled either (by SCRM or CIPHER_ENABLE). The following timing delays
are with respect to the time from which PLC-S output scrambled Quiet symbols on TDAT lines.
00=Timer is bypassed (i.e., FOTOFF is asserted at the same time when scrambled Quiet
symbols are output on TDAT lines)
01=30
µs delay
10=50
µs delay
11=FOTOFF is never asserted
7
SDON_ENABLE
If this bit is set and scrambler/descrambler is enabled (by SCRM or CIPHER_ENABLE), then
SDON_TIMER bits (11–10) will determine the delay for asserting the Signal_Detect signal.
During this time, the descrambler is allowed to acquire synchronization of its input stream.
6
SDOFF_ENABLE
If this bit is set and scrambler/descrambler is enabled (bySCRM or CIPHER_ENABLE ), then
SDOFF_TIMER bits (13–12) will determine the delay for deasserting the Signal_Detect signal.
5–2
RESERVED
Bits 5–2 are reserved and should be set to 0.
1
CIPHER_LPBCK
If this bit is set, then the output of the scrambler is looped back to the input of the
descrambler (within PLC-S).
0
CIPHER_ENABLE
This bit is used to enable and disable the scrambler/descrambler function if SCRM (pin #41)
is not asserted. If SCRM is asserted, this bit is automatically set to 1. If SCRM is not
asserted, the value of this bit is determined by software. The default state (SCRM not
asserted) is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com