Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5010 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # REF5010
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5010 Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF5010 Datasheet HTML 24Page - Texas Instruments REF5010 Datasheet HTML 25Page - Texas Instruments REF5010 Datasheet HTML 26Page - Texas Instruments REF5010 Datasheet HTML 27Page - Texas Instruments REF5010 Datasheet HTML 28Page - Texas Instruments REF5010 Datasheet HTML 29Page - Texas Instruments REF5010 Datasheet HTML 30Page - Texas Instruments REF5010 Datasheet HTML 31Page - Texas Instruments REF5010 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
12 Device and Documentation Support
12.1 Documentation Support
12.1.1 Related Documentation
For related documentation see the following:
• Texas Instruments, 0.05 μV/°C (Maximum), Single-Supply CMOS Zero-Drift Series Operational Amplifier data
sheet
• REF5020 PSpice Model.
• REF5020 TINA-TI Reference Design
• REF5020 TINA-TI Spice Model
• INA270 PSpice Model
• INA270 TINA-TI Reference Design
• INA270 TINA-TI Spice Model
12.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
12.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
12.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
12.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
13 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (June 2023) to Revision L (March 2024)
Page
• Added Wide VIN support in the title ............................................................................................................... 0
• Added specs for REF50xxE .............................................................................................................................. 1
• Added information for REF50xxE (enhance grade) ...........................................................................................1
• Updated Device Comparison REF50xxE information.........................................................................................3
• Added Figure 5-2 and updated Table 5-1 with REF50xxEI information..............................................................4
• Added Input voltage for REF50xxE.................................................................................................................... 5
• Added output voltage rating................................................................................................................................5
• Added ESD information for REF50xxE...............................................................................................................5
• Added input voltage for REF50xxE.................................................................................................................... 5
• Added NR pin voltage recommendation for REF50xxE..................................................................................... 5
• Added thermal rating for REF50xxE...................................................................................................................6
• Added electrical table for REF50xxE..................................................................................................................9
• Added electrical table for REF50xxE..................................................................................................................9
• Added the part no in the description.................................................................................................................10
• Added typical characteristics for REF50xxE.....................................................................................................15
• Added block diagram for REF50xxE ............................................................................................................... 20
REF5010, REF5020, REF5025, REF5030, REF5040, REF5045, REF5050
SBOS410L – JUNE 2007 – REVISED OCTOBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com