Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7350-PI Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 9Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 10Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 11Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 12Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 13Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 14Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
• Integrated analog/digital device that interfaces a high-speed parallel bus to a
high speed Low Voltage Differential Signal (LVDS) serial link with optional 1:1
protection.
• For framers or modems without Utopia bus interfaces the S/UNI-DUPLEX
provides cell delineation (I.432) across 16 clock and data (bit serial)
interfaces.
• Fault detection, redundancy, protection switching, and inserting/removing
cards while the system is running (hot swap).
• Interface to other S/UNI-DUPLEX or S/UNI-VORTEX, to satisfy a full set of
system level requirements for backplane interconnect:
• Transports user data by providing the inter-card data-path.
• Inter-processor communication by providing an integrated inter-card
control channel.
• Exchanges flow control information (back-pressure) to prevent data
loss.
• Provides embedded command and control signals across the
backplane: system reset, error indications, protection switching
commands, etc.
• Clock/timing distribution (system clocks as well as reference clocks
such as 8 kHz timing references).
• When used as a parallel bus slave device, can be configured to share the
bus with other S/UNI-DUPLEX bus slave devices.
• Can interface to another S/UNI-DUPLEX device (via a single LVDS link) to
create a simple point-to-point "Utopia bus extension" capability.
• Can interface to two S/UNI-DUPLEX devices to create a 1:1 protected bus
extension.
• Interworks with PM7351 S/UNI-VORTEX devices to implement a point-to-
multipoint serial backplane architecture, with optional 1:1 protection of the
common card.
• In the LVDS receive direction: selects traffic from the LVDS link marked active
and demultiplexes the individual cell streams to the appropriate PHY device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com