Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z1T3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10F269Z1T3 Datasheet HTML 11Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 12Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 13Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 14Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 15Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 16Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 17Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 18Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 184 page
background image
ST10F269
4 - MEMORY ORGANIZATION
15/184
Figure 4 : ST10F269 On-chip Memory Mapping
14
07
06
05
04
00’4000
01
00
00’0000
02
00’C000
00’FFFF
SFR : 512 Bytes
00’FE00
00’FDFF
IRAM : 2K Bytes
00’F600
** Bank 0L may be remapped from segment 0 to segment 1 (Bank 1L) by setting SYSCON-ROMS1 (before EINIT)
RAM, SFR and X-pheripherals are
mapped into the address space.
Data
Page
Number
Absolute
Memory
Address
00’6000
00’F1FF
ESFR : 512 Bytes
00’F000
00’EFFF
CAN1 : 256 Bytes
00’EF00
00’EEFF
CAN2 : 256 Bytes
00’EE00
00’E7FF
XRAM1 : 2K Bytes
00’E000
00’DFFF
XRAM2 : 8K Bytes
00’C000
03
00’EC14
Real Time Clock
00’EC00
Block2 = 8K Bytes
Internal
Flash
Memory
Block1 = 8K Bytes
Block0 = 16K Bytes
Bank OL
01’0000
01’8000
02’0000
03’0000
0C
04’0000
10
05’0000
Block6 = 64K Bytes*
Block5 = 64K Bytes*
Block4 = 64K Bytes
Block3 = 32K Bytes
Block2**
Block1**
Block0**
Bank 1L
Bank 1H
Data Page Number and Absolute Memory Address are hexadecimal values.
08
*Reserved area for 128K versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com