Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z1T6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST10F269Z1T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST10F269Z1T6 Datasheet HTML 6Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 7Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 8Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 9Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 10Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 11Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 12Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 13Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 184 page
background image
2 - PIN DATA
ST10F269
10/184
P4.0 –P4.7
85-92
I/O
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise programmable for input or output
via direction bit. Programming an I/O pin as input forces the corresponding output
driver to high impedance state. The input threshold is selectable (TTL or special).
Port 4.6 & 4.7 outputs can be configured as push-pull or open drain drivers.
In case of an external bus configuration, Port 4 can be used to output the segment
address lines:
85
O
P4.0
A16
Segment Address Line
86
O
P4.1
A17
Segment Address Line
87
O
P4.2
A18
Segment Address Line
88
O
P4.3
A19
Segment Address Line
89
O
P4.4
A20
Segment Address Line
I
CAN2_RxD
CAN2 Receive Data Input
90
O
P4.5
A21
Segment Address Line
I
CAN1_RxD
CAN1 Receive Data Input
91
O
P4.6
A22
Segment Address Line
O
CAN1_TxD
CAN1 Transmit Data Output
92
O
P4.7
A23
Most Significant Segment Address Line
O
CAN2_TxD
CAN2 Transmit Data Output
RD
95
O
External Memory Read Strobe. RD is activated for every external instruction or data
read access.
WR/WRL
96
O
External Memory Write Strobe. In WR-mode this pin is activated for every external
data write access. In WRL mode this pin is activated for low Byte data write
accesses on a 16-bit bus, and for every data write access on an 8-bit bus. See
WRCFG in the SYSCON register for mode selection.
READY/
READY
97
I
Ready Input. The active level is programmable. When the Ready function is
enabled, the selected inactive level at this pin, during an external memory access,
will force the insertion of waitstate cycles until the pin returns to the selected active
level.
ALE
98
O
Address Latch Enable Output. In case of use of external addressing or of multi-
plexed mode, this signal is the latch command of the address lines.
EA
99
I
External Access Enable pin. A low level applied to this pin during and after Reset
forces the ST10F269 to start the program from the external memory space. A high
level forces the MCU to start in the internal memory space.
Symbol
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com