Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55PFGB Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT7130LA55PFGB
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55PFGB Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT7130LA55PFGB Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 11Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 12Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 13Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 14Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 15Page - Integrated Device Technology IDT7130LA55PFGB Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
12
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(7)
NOTES:
1.
PLCC, TQFP and STQFP packages only.
2.
Port-to-port delay through RAM cells from the writing port to the reading port, refer to “Timing Waveform of Write with Port -to-Port Read and
BUSY."
3.
To ensure that the earlier of the two ports wins.
4.
tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
5.
To ensure that a write cycle is inhibited on port 'B' during contention on port 'A'.
6.
To ensure that a write cycle is completed on port 'B' after contention on port 'A'.
7.
'X' in part numbers indicates power rating (S or L).
7130X20
(1)
7140X20
(1)
Com'l Only
7130X25
7140X25
Com'l, Ind
& Military
7130X35
7140X35
Com'l
& Military
Symbol
Parameter
Min.Max.Min.Max.Min.
Max.
Unit
BUSY TIMING (For MASTER IDT 7130)
tBAA
BUSY Access Time from Address
____
20
____
20
____
20
ns
tBDA
BUSY Disable Time from Address
____
20
____
20
____
20
ns
tBAC
BUSY Access Time from Chip Enable
____
20
____
20
____
20
ns
tBDC
BUSY Disable Time from Chip Enable
____
20
____
20
____
20
ns
tWH
Write Hold After
BUSY(6)
12
____
15
____
20
____
ns
tWDD
Write Pulse to Data Delay(2)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay(2)
____
30
____
35
____
35
ns
tAPS
Arbitration Priority Set-up Time
(3)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(4)
____
25
____
35
____
35
ns
BUSY INPUT TIMING (For SLAVE IDT 7140)
tWB
Write to
BUSY Input(5)
0
____
0
____
0
____
ns
tWH
Write Hold After
BUSY(6)
12
____
15
____
20
____
ns
tWDD
Write Pulse to Data Delay
(2)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay(2)
____
30
____
35
____
35
ns
2689 tbl 11a
7130X55
7140X55
Com'l, Ind
& Military
7130X100
7140X100
Com'l, Ind
& Military
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (For MASTER IDT 7130)
tBAA
BUSY Access Time from Address]
____
30
____
50
ns
tBDA
BUSY Disable Time from Address
____
30
____
50
ns
tBAC
BUSY Access Time from Chip Enable
____
30
____
50
ns
tBDC
BUSY Disable Time from Chip Enable
____
30
____
50
ns
tWH
Write Hold After
BUSY(6)
20
____
20
____
ns
tWDD
Write Pulse to Data Delay(2)
____
80
____
120
ns
tDDD
Write Data Valid to Read Data Delay
(2)
____
55
____
100
ns
tAPS
Arbitration Priority Set-up Time
(3)
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(4)
____
55
____
65
ns
BUSY INPUT TIMING (For SLAVE IDT 7140)
tWB
Write to
BUSY Input(5)
0
____
0
____
ns
tWH
Write Hold After
BUSY(6)
20
____
20
____
ns
tWDD
Write Pulse to Data Delay(2)
____
80
____
120
ns
tDDD
Write Data Valid to Read Data Delay
(2)
____
55
____
100
ns
2689 tbl 11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com