Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHA025 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RHA025
Description  Pre-Charge and Discharge, Chassis Mount Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RHA025 Datasheet(HTML) 4 Page - Vishay Siliconix

  RHA025 Datasheet HTML 1Page - Vishay Siliconix RHA025 Datasheet HTML 2Page - Vishay Siliconix RHA025 Datasheet HTML 3Page - Vishay Siliconix RHA025 Datasheet HTML 4Page - Vishay Siliconix RHA025 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RHA
www.vishay.com
Vishay Dale
Revision: 22-Feb-2022
4
Document Number: 30406
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MATERIAL SPECIFICATIONS
Element: copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: ceramic, steatite or alumina, depending on physical
size
Encapsulant: silicone molded construction
Housing: aluminum with hard anodic coating
End Caps: stainless steel
Standard Terminals: For RHA005 through RHA050 size
terminal finish - lead (Pb)-free is Ni/Pd/Au, finish is on
copper clad steel core terminal
Part Marking: Dale, model, wattage, value, tolerance, date
code
SPECIAL MODIFICATIONS
A number of special modifications to the aluminum housed
resistor
style
are
available
upon
request.
Special
modifications include:
• Terminal configurations and materials
• Resistance values and tolerances
• Low resistance temperature coefficient (RTC)
• Housing configuration
• Threaded mounting holes
• Preconditioning and other additional testing
Note
• Contact factory for energy capability of resistance values not listed
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
Rated power applied until thermally stable, then a minimum of 15 min at -55 °C
± (0.5 % + 0.05
Ω) ΔR
Short Time Overload
5 x rated power for 5 s
± (0.5 % + 0.05
Ω) ΔR
Dielectric
Withstanding Voltage
1000 VRMS for RHA005, RHA010, and RHA025; 2000 VRMS for RHA050
± (0.2 % + 0.05
Ω) ΔR
Temperature
250 °C for 2 h
± (0.5 % + 0.05
Ω) ΔR
Moisture Resistance
MIL-STD-202 method 106, 7b not applicable
± (1.0 % + 0.05
Ω) ΔR
Shock, Specified Pulse
MIL-STD-202 method 213, 100 g’s for 6 ms, 10 shocks
± (0.2 % + 0.05
Ω) ΔR
Vibration, High Frequency
Frequency varied 10 Hz to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.2 % + 0.05
Ω) ΔR
Load Life
1000 h at rated power, +25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.05
Ω) ΔR
Terminal Strength
30 s, 5 pound pull test for RHA005 and RHA010, 10 pound pull test for other sizes
± (0.2 % + 0.05
Ω) ΔR
SHORT TERM ENERGY CAPABILITIES VS. RESISTANCE
RESISTANCE VALUE
(
Ω)
SHORT TERM (< 100 ms) ENERGY CAPABILITY (J)
RHA005
RHA010
RHA025
RHA050
1
4.15
14.5
14.5
17.4
10
2.59
6.53
17
67.6
25
1.56
4.25
10.2
42.5
50
1.97
3.11
8.5
32.65
100
1.42
3.93
6.22
25.9
1000
0.59
1.44
3.93
14.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com