Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBCONDPCGTERM24V Datasheet(PDF) 1 Page - Weidmuller

Part # FBCONDPCGTERM24V
Description  Standard distributor with bus termination (active)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

FBCONDPCGTERM24V Datasheet(HTML) 1 Page - Weidmuller

  FBCONDPCGTERM24V Datasheet HTML 1Page - Weidmuller FBCONDPCGTERM24V Datasheet HTML 2Page - Weidmuller FBCONDPCGTERM24V Datasheet HTML 3Page - Weidmuller FBCONDPCGTERM24V Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
 
 
Creation date November 12, 2024 3:43:20 AM CET
 
Catalogue status 09.11.2024 / We reserve the right to make technical changes.
1
FBCON DP CG TERM 24V
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
For Profibus DP and Modbus RS485, FBCon standard T-
distributors and terminators connect individual field de-
vices or remote I/O to the bus cable.
Their EMC cable glands, protection class IP66 and a wide
operating temperature range safely protect your connec-
tions in harsh environments.
Functionality
• EMC cable glands for trunk and spurs
• M12 connector for spurs
• External earthing stud
• Pressure equalizing element
• Protection class IP66
• Aluminium and stainless-steel versions
• Profibus DP / Modbus RS485 compatible
Note: The use of FBCon products with aluminum enclo-
sures and / or M12 connectors is not recommended in
strongly saline environments.
General ordering data
 
Version
Standard distributor with bus termination (active),
Terminator, IP66, IP67
Order No.
8564290000
Type
FBCON DP CG TERM 24V
GTIN (EAN)
4032248404650
Qty.
1 pc(s).
 


Similar Part No. - FBCONDPCGTERM24V

ManufacturerPart #DatasheetDescription
logo
Weidmuller
FBCONDPCG1WA WEIDMULLER-FBCONDPCG1WA Datasheet
97Kb / 4P
Standard distributor
More results

Similar Description - FBCONDPCGTERM24V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1071 TI-SN74ACT1071 Datasheet
58Kb / 5P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI-SN74ACT1073 Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN75LBC968 TI-SN75LBC968 Datasheet
234Kb / 16P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
logo
Integrated Device Techn...
IDTQS3388 IDT-IDTQS3388 Datasheet
54Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS BUS EXCHANGE SWITCH WITH ACTIVE TERMINATION(BUS HOLD)
logo
Winbond
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
Bus Termination Regulator
logo
Texas Instruments
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
SN74ACT1071 TI1-SN74ACT1071_14 Datasheet
488Kb / 11P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI1-SN74ACT1073_16 Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN75LBC968 TI1-SN75LBC968_09 Datasheet
415Kb / 19P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
Bus Termination Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com