Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2201P.F Datasheet(PDF) 2 Page - Semtech Corporation

Part # TDS2201P.F
Description  Transient Diverting Suppressor 1-Line, 22V EOS Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TDS2201P.F Datasheet(HTML) 2 Page - Semtech Corporation

  TDS2201P.F Datasheet HTML 1Page - Semtech Corporation TDS2201P.F Datasheet HTML 2Page - Semtech Corporation TDS2201P.F Datasheet HTML 3Page - Semtech Corporation TDS2201P.F Datasheet HTML 4Page - Semtech Corporation TDS2201P.F Datasheet HTML 5Page - Semtech Corporation TDS2201P.F Datasheet HTML 6Page - Semtech Corporation TDS2201P.F Datasheet HTML 7Page - Semtech Corporation TDS2201P.F Datasheet HTML 8Page - Semtech Corporation TDS2201P.F Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TDS2201P
Final Datasheet
Rev 2.1
Revision Date
12/14/22
www.semtech.com
2 of 9
Semtech
Proprietary & Confidential
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power (t
p = 8/20µs)
P
PK
450
W
Peak Pulse Current (t
p = 8/20µs)
I
PP
16
A
ESD per IEC 61000-4-2 (Air)(1)
ESD per IEC 61000-4-2 (Contact)(1)
V
ESD
±30
±8
kV
Operating Temperature
T
OP
-40 to +85
O
C
Storage Temperature
T
STG
-55 to +150
O
C
Electrical Characteristics (T=25OC unless otherwise specified)
TDS2201P
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
V
RWM
Line to GND
22
V
Reverse Breakdown Voltage
V
BR
I
t = 1mA, Line to GND
25
26.5
27.9
V
Forward Voltage
V
F
I
t = 1mA, GND to Line
0.5
V
Reverse Leakage Current
I
R
V
RWM = 22V, Line to GND
T = 25OC
1.5
500
nA
T = 85OC
93
750
nA
Clamping Voltage (2)
V
C
I
PP=1A, tp = 8/20μs, Line to GND
26.3
27.9
V
I
PP=16A, tp = 8/20μs, Line to GND
26.4
28
V
Dynamic Resistance (3)
R
DYN
tp = 8/20μs
6
mΩ
Junction Capacitance
C
J
V
R = 22V, f = 1MHz
58
pF
Notes:
1) ESD gun return path connected to ESD ground plane.
2) Parameter guaranteed by design.
3) Dynamic resistance measured between 1A and 16A.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com