Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA73079CL Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA73079CL
Description  Monolithic Linear IC Video Driver for DSC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73079CL Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA73079CL Datasheet HTML 1Page - Sanyo Semicon Device LA73079CL Datasheet HTML 2Page - Sanyo Semicon Device LA73079CL Datasheet HTML 3Page - Sanyo Semicon Device LA73079CL Datasheet HTML 4Page - Sanyo Semicon Device LA73079CL Datasheet HTML 5Page - Sanyo Semicon Device LA73079CL Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA73079CL
No.A0912-2/6
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended Operating supply voltage
VCCSTD
3.1
V
Operating supply voltage range
VCCRANGE
2.7 to 3.6
V
Electrical Characteristics at Ta = 25
°C, VCC = 3.1V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current Drain Block
Current dissipation 1
( VIN = White50% )
ICC
4pin = Low
Input = White50%
14
22
30
mA
Current dissipation 2
( Non-signal mode )
ICC2
4pin = Low
Input = No signal
7
11.5
15
mA
Current dissipation 3
( Standby mode )
ICC-STBY
4pin = Open (High)
0
5
µA
Video Block
Voltage gain V6
VG-L
VIN = 1Vp-p 100% white
2pin = Low (GND)
5.7
6.2
6.7
dB
Voltage gain V12
VG-M
VIN = 0.5Vp-p 100% white
2pin = MID (Open)
11.7
12.2
12.7
dB
Voltage gain V16
VG-H
VIN = 317mVp-p 100% white
2pin = High (VCC)
15.7
16.2
16.7
dB
Freq. Characteristics
Vf
f = 100kHz/5MHz
-1.5
-0.5
+0.5
dB
Differential Gain
DG
VOUT = 2Vp-p
(Modulated Ramp)
-2.0
0
-2.0
%
Differential Phase
DP
VOUT = 2Vp-p
(Modulated Ramp)
-2.0
0
-2.0
deg
Output leak current at standby 1
IOUTH
Current when 3V is applied to
pin 9, with pin 4 at H (Standby
Mode) and pin 9 (VOUT)
-5.0
0
+5.0
µA
Output leak current at standby 2
IOUTL
Current when 0.1V is applied to
pin 9, with pin 4 at H (Standby
Mode) and pin 9 (VOUT)
-5.0
0
+5.0
µA
Control Terminal Block
Stand-by control pin H voltage
(SET = STANDBY MODE)
VTH-STBY-H
Pin 4 pin voltage range at which
ICC ≤ 5µA
VCC-0.5
3.6
V
Stand-by control pin L voltage
(SET = ACTIVE MODE)
VTH-STBY-L
Pin 4 pin voltage range at which
the operation mode is effective.
GND
0.3
V
Gain selection control pin H voltage
(SET = 16dB)
VTH-G-H
Pin 2 pin voltage range at which
Amp Gain becomes 16dB.
VCC-0.3
VCC
V
Gain selection control pin M voltage
(SET = 12dB)
VTH-G-M
Pin 2 pin voltage range at which
Amp Gain becomes 12dB.
1.0
1.2
(OPEN)
1.4
V
Gain selection control pin L voltage
(SET = 6dB)
VTH-G-L
Pin 2 pin voltage range at which
Amp Gain becomes 6dB.
GND
0.3
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com