Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA74310LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA74310LP
Description  Monolithic Linear IC Audio Interface for DSC Video Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74310LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA74310LP Datasheet HTML 1Page - Sanyo Semicon Device LA74310LP Datasheet HTML 2Page - Sanyo Semicon Device LA74310LP Datasheet HTML 3Page - Sanyo Semicon Device LA74310LP Datasheet HTML 4Page - Sanyo Semicon Device LA74310LP Datasheet HTML 5Page - Sanyo Semicon Device LA74310LP Datasheet HTML 6Page - Sanyo Semicon Device LA74310LP Datasheet HTML 7Page - Sanyo Semicon Device LA74310LP Datasheet HTML 8Page - Sanyo Semicon Device LA74310LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LA74310LP
No.A0904-2/22
Specifications
Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.0
V
Allowable power dissipation
Pd max
Ta
≤80°C *
550
mW
Operating temperature
Topr
-10 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
* Substrate mounting condition (40mm × 50mm × 0.8mm: glass epoxy) 2S2P (Four layers substrate)
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
3.1
V
VCCA
3.0
V
Recommended supply voltage
VCCSP
3.3
V
VCC
2.7 to 3.6
V
VCCA
2.7 to 3.6
V
Allowable operating voltage range
VCCSP
Take care not to exceed Pd max.
2.7 to 3.6
V
Electrical Characteristics of AUDIO Block at Ta=25
°C, VCCA=3.0V, VCCSP=3.3V, f=1kHz, with the VREF
capacitance charging circuit in the OFF MODE
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
VCCA current dissipation at no signal 1
ICCA1
VCCA=3.0V
7
9.4
11.8
mA
VCCA current dissipation at no signal 2
ICCA2
VCCA=3.0V: REC BLOCK (MIC/ALC/REC AMP)
POWER SAVE MODE
5
6.7
8.4
mA
VCCA current dissipation at no signal 3
ICCA3
VCCA=3.0V: LINE AMP POWER SAVE MODE
6.5
8.7
10.9
mA
VCCA standby current dissipation
ICCAS
VCCA=3.0V: during standby control
(23PIN=0V application)
1
µA
Current dissipation at no signal 5
ICCSP1
VCCSP=3.3V: SPK POWER ON MODE
1.2
2.5
5
mA
Current dissipation at no signal 6
ICCSP2
VCCSP=3.3V: SPK POWER SAVE MODE
0.05
0.1
mA
VCCSP standby current dissipation
ICCSPS
VCCSP=3.3V: during standby control
(23PIN=0V application)
5.5
10
µA
REC output system
REC reference output LEVEL
VOR
ALC IN, VIN=-49dBV
-16.5
-15.5
-14.5
dBV
REC reference output distortion
HDR
ALC IN, VIN=-49dBV, THD: from 2nd to 5th harmonic
0.05
0.1
%
ALC characteristics 1
ALM1
ALC IN, VIN=-33dBV (standard+16dB)
-11
-8
-5
dBV
ALC distortion 1
ALMD1
ALC IN, VIN=-33dBV (standard+16dB),
THD: from 2nd to 5th harmonic
0.15
0.5
%
ALC characteristics 2
ALM2
ALC IN, VIN=-17dBV (standard+32dB)
-11
-8
-5
dBV
ALC distortion 2
ALMD2
ALC IN, VIN=-17dBV (standard+32dB),
THD: from 2nd to 5th harmonic
0.2
1
%
ALC IN max input level
VINRMX
ALC IN LEVEL at which REC output THD
(from 2nd to 5th harmonic) becomes 3% or less.
-10
dBV
REC output noise voltage
VNOR
ALC IN, no input, JIS-A Filter
-77
-68
dBV
REC output frequency characteristics 1
FEQR1
ALC IN, VIN=-33dBV,
comparison of f=4kHz/1kHz
-5
-3.5
-2
dB
REC output frequency characteristics 2
FEQR2
ALC IN, VIN=-33dBV,
comparison of f=22kHz/1kHz
-33
-25
dB
REC output frequency characteristics 3
FEQR3
ALC IN, VIN=-33dBV,
comparison of f=100kHz/1kHz
-60
-55
dB
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com