Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA75600VA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA75600VA
Description  Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75600VA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA75600VA Datasheet HTML 1Page - Sanyo Semicon Device LA75600VA Datasheet HTML 2Page - Sanyo Semicon Device LA75600VA Datasheet HTML 3Page - Sanyo Semicon Device LA75600VA Datasheet HTML 4Page - Sanyo Semicon Device LA75600VA Datasheet HTML 5Page - Sanyo Semicon Device LA75600VA Datasheet HTML 6Page - Sanyo Semicon Device LA75600VA Datasheet HTML 7Page - Sanyo Semicon Device LA75600VA Datasheet HTML 8Page - Sanyo Semicon Device LA75600VA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LA75600VA
No.A0325-2/17
Electrical Characteristics at Ta = 25
°C, VCC = 5V, fp = 45.75MHz
Ratings
Parameter
Symbol
Conditions
No.
min
typ
max
Unit
[VIF block]
Circuit current
I5
V1
35
42
52
mA
Maximum RF AGC voltage
V14H
V2
VCC-0.5
VCC
V
Minimum RF AGC voltage
V14L
V3
0
0.5
V
Input sensitivity
Vi
S1 = OFF
V4
32
38
44
dB
µV
AGC range
GR
V5
51
56
dB
Maximum allowable input
Vi max
V6
95
100
dB
µV
No-signal video output voltage
V6
V7
3.1
3.4
3.7
V
Sync. signal tip voltage
V6tip
V8
0.8
1.1
1.4
V
Video output level
VO
V9
1.7
2.0
2.3
Vp-p
Black noise threshold voltage
VBTH
V10
0.3
0.5
0.7
V
Black noise clamp voltage
VBCL
V11
1.3
1.6
1.9
V
Video S/N
S/N
V12
48
52
dB
C-S beat
IC-S
V13
38
43
dB
Frequency characteristics
fc
6MHz
V13
-3
-1.5
dB
Differential gain
DG
V15
3.0
6.5
%
Differential phase
DP
V16
3
5
deg
No-signal AFT voltage
V13
V17
2.0
2.5
3.0
V
Maximum AFT voltage
V13H
V18
4.0
4.4
5.0
V
Minimum AFT voltage
V13L
V19
0
0.18
1.0
V
AFT detection sensitivity
Sf
V20
19
29
38
mV/kHz
VIF input resistance
Ri
45.75MHz
V21
1.5
k
Ω
VIF input capacitance
Ci
45.75MHz
V22
3
pF
APC pull-in range (U)
fpu
V23
1.3
2.0
MHz
APC pull-in range (L)
fpl
V24
-2.0
-1.4
MHz
AFT tolerance frequency 1
∆fa1
V25
-150
0
+150
kHz
VCO1 maximum variable range (U)
dfu
V26
1.0
1.5
MHz
VCO1 maximum variable range (L)
dfl
V27
-2.0
-1.5
MHz
VCO control sensitivity
B
V28
1.3
2.7
5.4
kHz/mV
RF AGC input level
ViRFAGC
R = 5.1k
Ω
V29
87
94
101
dB
µV
[SIF block]
Limiting sensitivity
Vli(lim)
S1
39
45
51
dB
µV
FM detection output voltage
VO(FM)
4.5MHz
± 25kHz
S2
767
1000
1280
mVrms
AMR
AMR
S3
50
60
dB
Distortion factor
THD
4.5MHz
± 15kHz
S4
0.5
1.0
%
SIF S/N
S/N(FM)
S5
59
64
dB
4.5MHz output level
Vsout
SIF IN 80dB
µV
S6
87
94
101
dB
µV
*:If the dynamic range of the FM detection output needs to be widened, connect a resistor and a capacitor in series between pin 23 and GND for level
adjustment.
*:The resistor between pin10 and GND must be 470
Ω or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com