Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA75710VA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA75710VA
Description  Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75710VA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA75710VA Datasheet HTML 1Page - Sanyo Semicon Device LA75710VA Datasheet HTML 2Page - Sanyo Semicon Device LA75710VA Datasheet HTML 3Page - Sanyo Semicon Device LA75710VA Datasheet HTML 4Page - Sanyo Semicon Device LA75710VA Datasheet HTML 5Page - Sanyo Semicon Device LA75710VA Datasheet HTML 6Page - Sanyo Semicon Device LA75710VA Datasheet HTML 7Page - Sanyo Semicon Device LA75710VA Datasheet HTML 8Page - Sanyo Semicon Device LA75710VA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LA75710VA
No.A0356-2/10
Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage
VCC op
4.5 to 5.5
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
VIF Block
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current 1
I8
49
54
59
mA
Circuit current 2
I4
9
11
13
mA
Maximum RF AGC voltage
V14H
VCC-0.5
VCC
V
Minimum RF AGC voltage
V14L
0
0.5
V
Input sensitivity
Vi
Video out 2
34
40
46
dB
µV
AGC range
GR
52
56
dB
Maximum allowable input
Vi max
95
100
dB
µV
No-signal video output voltage
V5
2.48
2.72
2.96
V
Sync. Signal tip voltage
V5tip
0.8
1.0
1.2
V
Video output amplitude
VOTV
1.3
1.5
1.7
Vp-p
Black noise threshold voltage
VBTH
0.40
0.65
0.90
V
Black noise clamp voltage
VBCL
1.3
1.6
1.9
V
Video S/N
S/N
52
56
dB
C-S best
IC-S
P/C = P/S = 10dB
45
50
dB
Frequency characteristics
Fc
6MHz
-3
-1.5
dB
Differential gain
DG
2.0
5
%
Differential phase
DP
2.0
4
°C
No signal AFT voltage
V21
2.2
2.5
2.8
V
Maximum AFT voltage
V21H
VCC-0.7
VCC-0.5
VCC
V
Minimum AFT voltage
V21L
0
0.5
0.7
V
AFT detection sensitivity
Sf
8.5
12.5
16.5
mV/kHz
AFT output resolution
Res-aft
3.125
kHz/bit
VIF input resistance
Ri
1.0
k
Ω
VIF input capacitance
Ci
3
pF
APC hold range (U)
Fhu
2.0
2.4
MHz
APC hold range (L)
Fhl
-2.4
-2.0
MHz
APC pull-in range (U)
Fpu
2.0
2.4
MHz
APC pull-in range (L)
Fpl
-2.4
-2.0
MHz
VCO maximum
variable range (U)
Dfu
2.1
2.6
MHz
VCO maximum
variable range (L)
Dfl
-2.6
-2.1
MHz
VCO control sensitivity
β
2.0
3.5
5.0
kHz/mV
Synchronization ratio
VS
25.0
28.5
31.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com