Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-112NM-R7 Datasheet(PDF) 1 Page - Eravant

Part # SWC-112NM-R7
Description  WR-112 Waveguide to N Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-112NM-R7 Datasheet(HTML) 1 Page - Eravant

  SWC-112NM-R7 Datasheet HTML 1Page - Eravant SWC-112NM-R7 Datasheet HTML 2Page - Eravant SWC-112NM-R7 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-112NF-R7 and SWC-112NM-R7
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.1
WR-112 Waveguide to N Connector Adapter, Right Angle
Models SWC-112NF-R7 and SWC-112NM-R7 are right angle (90°) WR-
112 waveguide to N connector adapters that cover the frequency range of
7 to 10 GHz. They are designed and manufactured for instrumentation
grade quality but offered at a commercial grade price, allowing for an
efficient transition between the rectangular waveguide and the N
connector. The end launch (180°) versions are offered under model
numbers SWC-112NF-E7 and SWC-112NM-E7.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
7.0 GHz
10 GHz
Insertion Loss
0.2 dB
Return Loss
20 dB
Power Handling
150 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-112 Waveguide with UG-51/U Flange
Coaxial Port
N (F) for Model Number: SWC-112NF-R7
Coaxial Port
N (M) for Model Number: SWC-112NM-R7
Material
Aluminum
Inner Finish
Silver Plated
Outer Finish
Black Paint
Weight
2.3 Oz
Outline
WC-HR-SX1
ECCN
EAR99
FEATURES
Full Band Coverage
Lower Insertion Loss
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
Test Lab
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-112NM-R7

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-112NM-E7 ERAVANT-SWC-112NM-E7 Datasheet
297Kb / 3P
WR-112 Waveguide to N Connector Adapter, End Launch
Rev 1.1
More results

Similar Description - SWC-112NM-R7

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9884 PASTERNACK-PE9884 Datasheet
207Kb / 2P
WR-112 to SMA Female Waveguide to Coax Adapter 7.05 GHz to 10 GHz
PEWGK1009 PASTERNACK-PEWGK1009 Datasheet
447Kb / 3P
WR-112 Waveguide Gasket kit
PEWGK1010 PASTERNACK-PEWGK1010 Datasheet
447Kb / 3P
WR-112 Waveguide Gasket kit
PEWAD5017 PASTERNACK-PEWAD5017 Datasheet
422Kb / 4P
WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz
PE-W112TF005-12 PASTERNACK-PE-W112TF005-12_V01 Datasheet
407Kb / 4P
WR-112 Twistable Flexible Waveguide
PE-W112TF005-24 PASTERNACK-PE-W112TF005-24_V01 Datasheet
393Kb / 4P
WR-112 Twistable Flexible Waveguide
PE-W112TF005-36 PASTERNACK-PE-W112TF005-36_V01 Datasheet
395Kb / 4P
WR-112 Twistable Flexible Waveguide
PE-W112TF006-12 PASTERNACK-PE-W112TF006-12_V01 Datasheet
451Kb / 4P
WR-112 Twistable Flexible Waveguide
PE-W112TF006-24 PASTERNACK-PE-W112TF006-24_V01 Datasheet
439Kb / 4P
WR-112 Twistable Flexible Waveguide
PE-W112TF006-36 PASTERNACK-PE-W112TF006-36_V01 Datasheet
425Kb / 4P
WR-112 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com