Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-121F-R1 Datasheet(PDF) 3 Page - Eravant

Part # SWC-121F-R1
Description  E-Band Waveguide to 1.0 mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-121F-R1 Datasheet(HTML) 3 Page - Eravant

  SWC-121F-R1 Datasheet HTML 1Page - Eravant SWC-121F-R1 Datasheet HTML 2Page - Eravant SWC-121F-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SWC-121F-R1 and SWC-121M-R1
Rev 1.3
www.eravant.com | 501 Amapola Ave, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 3
E-Band Waveguide to 1.0 mm Connector Adapter, Right Angle
Copyright © 2022 by Eravant
Note:
• All data presented is collected from a sample lot. Actual data may vary unit to unit, slightly.
• All testing was performed under +25 °C case temperature.
• Eravant reserves the right to change the information presented without notice.
Caution:
• Any foreign objects in the waveguide will cause performance degradation and may damage the
adapter.
• Proper torque, 4.0 ± 0.15 inch-pounds (0.45 ± 0.02 Nm), should be used. Eravant torque
wrench, model SCH-06004-S1, is highly recommended.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com