Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-121M-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-121M-R1
Description  E-Band Waveguide to 1.0 mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-121M-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-121M-R1 Datasheet HTML 1Page - Eravant SWC-121M-R1 Datasheet HTML 2Page - Eravant SWC-121M-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-121F-R1 and SWC-121M-R1
Rev 1.3
www.eravant.com | 501 Amapola Ave, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
E-Band Waveguide to 1.0 mm Connector Adapter, Right Angle
Copyright © 2022 by Eravant
Description:
Models SWC-121F-R1 and SWC-121M-R1 are right angle (90°)
E-Band waveguide to coax adapters that cover the frequency
range of 60 to 90 GHz. They are designed and manufactured
for instrumentation grade quality but offered at a commercial
grade price, allowing for an efficient transition between the
rectangular waveguide and 1.0 mm coax connector. The end
launch (180°) versions are offered under model numbers
SWC-121F-E1 and SWC-121M-E1.
Features:
• Full Waveguide Band Coverage
• Low Insertion Loss and VSWR
• Instrumentation Grade
• DC Open Circuit
Applications:
• Test Lab
• Instrumentations
• Sub-assemblies
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
60 GHz
90 GHz
Insertion Loss
1.0 dB
1.2 dB
Return Loss
12 dB
15 dB
Power Handling
10 W (CW)
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Mechanical Specifications:
Item
Parameter
Waveguide Port
WR-12 with UG-387/U Anti-Cocking Flange
Coaxial Port
1.0 mm Female for Model Number: SWC-121F-R1
1.0 mm Male for Model Number: SWC-121M-R1
Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-ER-A


Similar Part No. - SWC-121M-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-121M-E1 ERAVANT-SWC-121M-E1 Datasheet
422Kb / 3P
E-Band Waveguide to 1.0 mm Connector Adapter, End Launch
Rev 1.4
SWC-121M-E1-WR ERAVANT-SWC-121M-E1-WR Datasheet
316Kb / 2P
Band Waveguide to Coax Panel Mount Adapter, End Launch
Rev. 1.1
More results

Similar Description - SWC-121M-R1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
487952 MACOM-487952 Datasheet
52Kb / 2P
1.0 mm, FPC Connector, Right Angle, SMT, Bottom Contact
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Kingbright Corporation
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
3.0 mm x 1.0 mm Right Angle Phototransistor
APA3010SF4C-P22 KINGBRIGHT-APA3010SF4C-P22 Datasheet
641Kb / 4P
3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
logo
Pasternack Enterprises,...
PE-W12CA002 PASTERNACK-PE-W12CA002 Datasheet
403Kb / 4P
WR-12 UG-387/U Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 60 GHz to 90 GHz, E Band
logo
HK TO-GRACE TECHNOLOGY ...
APBA3010YSGC-GX TO-GRACE-APBA3010YSGC-GX Datasheet
917Kb / 4P
3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APPA3010SURCK TO-GRACE-APPA3010SURCK Datasheet
796Kb / 4P
3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010F3C-GX TO-GRACE-APA3010F3C-GX Datasheet
815Kb / 4P
3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
APA3010SF4C TO-GRACE-APA3010SF4C Datasheet
807Kb / 4P
3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
APA3010SF4C-P22 TO-GRACE-APA3010SF4C-P22 Datasheet
1,012Kb / 4P
3.0 mm x 1.0 mm Right Angle Infrared Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com