Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-12VM-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-12VM-R1
Description  E-Band Waveguide to 1.85 mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-12VM-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-12VM-R1 Datasheet HTML 1Page - Eravant SWC-12VM-R1 Datasheet HTML 2Page - Eravant SWC-12VM-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-12VF-R1 and SWC-12VM-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.4
E-Band Waveguide to 1.85 mm Connector Adapter, Right
Angle
SWC-12VF-R1 and SWC-12VM-R1 are right angle (90°) E-Band
waveguide to coax adapters that cover the frequency range of 60 to 72
GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the rectangular waveguide and 1.85 mm coax
connector. The end launch (180°) versions are offered under model
numbers SWC-12VF-E1 and SWC-12VM-E1.
Electrical Specifications:
*Insertion loss is tested back-to-back with a male and female adapter, the result is
divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
60 GHz
72 GHz
Insertion Loss
0.8 dB
1.2 dB
Return Loss
12 dB
14 dB
Power Handling
10 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-12 with UG-387/U Anti-Cocking Flange
Coaxial
1.85 mm (V) Female for Model Number: SWC-12VF-R1
Coaxial
1.85 mm (V) Male for Model Number: SWC-12VM-R1
Size
1.05” (L) x 0.75” (D)
Housing Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-EVR-A
ECCN
EAR99
FEATURES
• Full Waveguide Band Coverage
• Lower Insertion Loss and VSWR
• Instrumentation Grade
• DC Open Circuit
APPLICATIONS
• Test Lab
• Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-12VM-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-12VM-E1 ERAVANT-SWC-12VM-E1 Datasheet
332Kb / 3P
E-Band Waveguide to 1.85mm Connnector Adapter, End Launch
Rev 1.3
More results

Similar Description - SWC-12VM-R1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
185M-185M MINI-185M-185M Datasheet
229Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-M
logo
Amphenol Corporation
SF1133-6038 AMPHENOL-SF1133-6038 Datasheet
98Kb / 1P
1.85 mm FEMALE TO FEMALE ADAPTER
SF1133-6009 AMPHENOL-SF1133-6009 Datasheet
91Kb / 1P
1.85 mm MALE TO MALE ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com