Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-15VM-R1-WR Datasheet(PDF) 1 Page - Eravant

Part # SWC-15VM-R1-WR
Description  V-Band Waveguide to Coax Panel Mount Adapter, Right Angle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-15VM-R1-WR Datasheet(HTML) 1 Page - Eravant

  SWC-15VM-R1-WR Datasheet HTML 1Page - Eravant SWC-15VM-R1-WR Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWC-15VF-R1-WR and SWC-15VM-R1-WR
Rev. 1.1
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 1
V-Band Waveguide to Coax Panel Mount Adapter, Right Angle
Copyright © 2019 by SAGE Millimeter, Inc.
Description:
Models SWC-15VF-R1-WR and SWC-15VM-R1-WR are right
angle (90°) V-Band waveguide to coax panel mount adapters
that cover the frequency range of 50 to 70 GHz. They are
designed and manufactured for panel mount instrumentation
applications and allow for an efficient transition between the
rectangular waveguide and 1.85 mm (V) coax connector. These
adapters are also specially designed to be weather resistant.
Features:
• Broad Band Coverage
• Lower Insertion Loss and VSWR
• Instrumentation Grade
• DC Open Circuit
• Weather Resistant
Applications:
• Test Labs
• Instrumentations
• Communication Systems
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency*
50 GHz
70 GHz
Insertion Loss
0.7 dB
1 dB
Return Loss
13 dB
16 dB
Power Handling
30 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
*The adapter can cover up to 75 GHz with slight performance degradation due to the frequency limitations of the
1.85 mm (V) coaxial connector.
Mechanical Specifications:
Item
Specification
Waveguide
WR-15 with UG-385/U Flange with O-Ring
Coaxial
1.85 mm (V) Female for Model Number: SWC-15VF-R1-WR
Coaxial
1.85 mm (V) Male for Model Number: SWC-15VM-R1-WR
Body Material
Aluminum
Flange Material
Brass
Finish
Gold Plated
Weight
2 Oz
Size
1.55” (L) x 1.33” (Ø)
Outline
WC-VR-WR


Similar Part No. - SWC-15VM-R1-WR

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-15VM-R1-1.0 ERAVANT-SWC-15VM-R1-1.0 Datasheet
324Kb / 3P
V-Band Waveguide to 1.85 mm Connector Adapter, Right Angle
Rev 1.0
SWC-15VM-R1-V ERAVANT-SWC-15VM-R1-V Datasheet
350Kb / 3P
V-Band Waveguide to 1.85mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Rev 1.3
More results

Similar Description - SWC-15VM-R1-WR

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pasternack Enterprises,...
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9822 PASTERNACK-PE9822 Datasheet
286Kb / 2P
WR-187 to N Female Waveguide to Coax Adapter 3.95 GHz to 5.85 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE9838 PASTERNACK-PE9838 Datasheet
291Kb / 2P
CPR-137G to N Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9884 PASTERNACK-PE9884 Datasheet
207Kb / 2P
WR-112 to SMA Female Waveguide to Coax Adapter 7.05 GHz to 10 GHz
PE-W15CA002 PASTERNACK-PE-W15CA002 Datasheet
443Kb / 4P
WR-15 With UG-385 - U Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 50 GHz to 65 GHz V Band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com