Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-180KF-R1-WRD Datasheet(PDF) 1 Page - Eravant

Part # SWC-180KF-R1-WRD
Description  WRD-180 Waveguide to K Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-180KF-R1-WRD Datasheet(HTML) 1 Page - Eravant

  SWC-180KF-R1-WRD Datasheet HTML 1Page - Eravant SWC-180KF-R1-WRD Datasheet HTML 2Page - Eravant SWC-180KF-R1-WRD Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-180KF-R1-WRD
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.1
WRD-180 Waveguide to K Connector Adapter, Right
Angle
SWC-180KF-R1-WRD is a right angle (90°) WRD-180 double ridged
waveguide to coax adapter that cover the frequency range of 18 to 40
GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the double ridged waveguide and 2.92 mm (K) coax
connector. The end launch (180°) versions are offered under models
SWC-180KF-E1-WRD and SWC-180KM-E1-WRD.
Electrical Specifications:
*Insertion loss and return loss is tested back-to-back.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
18 GHz
40 GHz
Insertion Loss
0.5 dB
Return Loss
15 dB
Power Handling
20 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide Port
WRD-180 Double Ridged Waveguide with
FPWRD180C24 Flange
Coaxial Port
2.92 mm (K) Female Connector
Material
Aluminum
Finish
Gold Plated
Weight
0.7 Oz
Outline
WC-180KR-WRD-2
ECCN
EAR99
FEATURES
Broad Band Coverage
Low Insertion Loss and VSWR
Instrumentation Grade
DC Short Circuit
APPLICATIONS
Test Lab
Instrumentations
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-180KF-R1-WRD

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-180KF-R3-WRD ERAVANT-SWC-180KF-R3-WRD Datasheet
297Kb / 3P
WRD-180 Waveguide to 2.92 mm Connector Adatper, Right Angle
Rev 1.1
More results

Similar Description - SWC-180KF-R1-WRD

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pomona Electronics
4282 POMONA-4282 Datasheet
25Kb / 1P
Adapter, SMA, Male To Female, Right Angle
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
PE9239 PASTERNACK-PE9239 Datasheet
240Kb / 2P
N Male to C Female Right Angle Adapter
PE9758 PASTERNACK-PE9758 Datasheet
241Kb / 2P
BNC Male to BNC Male Right Angle Adapter
PE9783 PASTERNACK-PE9783 Datasheet
243Kb / 2P
TNC Male to BNC Female Right Angle Adapter
logo
Marki Microwave
RA-40 MARKIMICROWAVE-RA-40 Datasheet
215Kb / 2P
Right-Angle Adapter
RA-50 MARKIMICROWAVE-RA-50 Datasheet
242Kb / 2P
Right-Angle Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com