Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-180KF-R3-WRD Datasheet(PDF) 1 Page - Eravant

Part # SWC-180KF-R3-WRD
Description  WRD-180 Waveguide to 2.92 mm Connector Adatper, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-180KF-R3-WRD Datasheet(HTML) 1 Page - Eravant

  SWC-180KF-R3-WRD Datasheet HTML 1Page - Eravant SWC-180KF-R3-WRD Datasheet HTML 2Page - Eravant SWC-180KF-R3-WRD Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-180KF-R3-WRD and SWC-180KM-R3-WRD
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.1
WRD-180 Waveguide to 2.92 mm Connector Adatper,
Right Angle
SWC-180KF-R3-WRD and SWC-180KM-R3-WRD are right angle (90°)
WRD-180 double ridged waveguide to coax adapters that cover the
frequency range of 18 to 40 GHz. They are designed and manufactured
for instrumentation grade quality but offered at a commercial grade price,
allowing for an efficient transition between the double ridged waveguide
and 2.92 mm (K) coax connector.
Electrical Specifications:
*Insertion loss is tested back-to-back with a male and female adapter; the result is divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
18 GHz
40 GHz
Insertion Loss
0.5 dB
Return Loss
12 dB
Power Handling
20 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide Port
WRD-180 Double Ridged Waveguide with FPWRD180C24
Flange
Coaxial Port
2.92 mm (K) Female for Model Number: SWC-180KF-R3-
WRD
Coaxial Port
2.92 mm (K) Male for Model Number: SWC-180KM-R3-
WRD
Material
Copper/Brass
Finish
Gold Plated
Weight
2.0 Oz
Outline
WC-180KR-WRD
ECCN
EAR99
FEATURES
Broad Band Coverage
Low Insertion Loss
Instrumentation Grade
APPLICATIONS
Test Lab
Instrumentations
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-180KF-R3-WRD

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-180KF-R1-WRD ERAVANT-SWC-180KF-R1-WRD Datasheet
311Kb / 3P
WRD-180 Waveguide to K Connector Adapter, Right Angle
Rev 1.1
More results

Similar Description - SWC-180KF-R3-WRD

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35660LF PASTERNACK-PE35660LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO 2.92 mm MALE(LEAD FREE)
logo
Rosenberger Hochfrequen...
02K246-40ML5 ROSENBERGER-02K246-40ML5 Datasheet
566Kb / 2P
RPC-2.92 RIGHT ANGLE JACK PCB
02K249-40ML5 ROSENBERGER-02K249-40ML5 Datasheet
249Kb / 2P
RPC-2.92 Right Angle Jack PCB
02S221-271S3 ROSENBERGER-02S221-271S3 Datasheet
67Kb / 2P
RPC-2.92 RIGHT ANGLE PLUG
logo
Mini-Circuits
BLK-K44 MINI-BLK-K44 Datasheet
190Kb / 2P
DC Block 2.92 mm-F to 2.92mm
185F-KF MINI-185F-KF Datasheet
193Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-F
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
logo
Transko Electronics, In...
TCFL1008CF TRANSKO-TCFL1008CF Datasheet
359Kb / 3P
Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)
Rev 1: 06-05-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com