Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA729GD Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPA729GD
Description  10 Watt Light Bar on Anotherm Linear Heat Spreader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPA729GD Datasheet(HTML) 1 Page - OPTEK Technologies

  OPA729GD Datasheet HTML 1Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 1 of 1
OPA729 Series
10 Watt Light Bar on
Anotherm Linear Heat Spreader
OPA729 Series
•
10, 1 watt LEDs per strip, can be linked with other OPA729’s
•
Mono-color per strip (Blue, Green, Red, Yellow, White)
•
Two component beam angle options (120° or 40°)
•
Power connected to either end
•
Universal connector (Tyco 2-292173-2 mates with 173977-2)
•
RoHS Compliant
The OPA729 Series are designed for areas where lighting intensity and reliability
are essential. The light beam angles of 40° and 120° are ideal for illuminating small and medium size areas while
requiring minimal space. A patented substrate is used to ensure the best heat dissipation of any light assembly in
the industry.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
Electrical / Optical Characteristics: TA=25°C, IF=700mA
Part Number
Typical Forward Voltage (V)
Luminous Flux (lm)
Beam Angle
Color
OPA729Y
12.5
350
Yellow
OPA729B
18.0
90
Blue
OPA729G
18.0
480
Green
OPA729R
12.5
260
Red
OPA729W
18.0
480
White
OPA729YD
12.5
350
40°
Yellow
OPA729BD
18.0
90
Blue
OPA729GD
18.0
480
Green
OPA729RD
12.5
260
Red
OPA729WD
18.0
480
White
120°
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
587 nm
470 nm
530 nm
625 nm
6,500°K
OPA729_
OPA729_D
OPA729_ (120° Beam Angle)
OPA729_D (40° Beam Angle)
See OVSP_BCR4 for component specifications
See OVSP_4CR44 for component specifications
DO NOT LOOK DIRECTLY AT LED WITH
UNSHIELDED EYES OR DAMAGE TO RETINA
MAY OCCUR.
+ Voltage
Ground


Similar Part No. - OPA729GD

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPA729GD TTELEC-OPA729GD Datasheet
624Kb / 2P
10 Watt Light Bar on OptoTherm Linear Heat Sperader
More results

Similar Description - OPA729GD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA730 OPTEK-OPA730 Datasheet
155Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader
OPA731 OPTEK-OPA731 Datasheet
165Kb / 1P
20 Watt Light Flood on Anotherm Linear Heat Spreader
OPA733 OPTEK-OPA733 Datasheet
144Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader
OPA739 OPTEK-OPA739 Datasheet
131Kb / 1P
3 Watt Light Bar on Anotherm Heat Spreader
OPA740 OPTEK-OPA740 Datasheet
224Kb / 1P
10 Watt Light Bar on Anotherm Linear Heat Spreader
OPA741 OPTEK-OPA741 Datasheet
169Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader with Lens
OPA742 OPTEK-OPA742 Datasheet
142Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader with Lens
logo
TT Electronics.
OPA729 TTELEC-OPA729 Datasheet
624Kb / 2P
10 Watt Light Bar on OptoTherm Linear Heat Sperader
OPA739 TTELEC-OPA739 Datasheet
316Kb / 2P
3 Watt Light Bar on OptoTherm Heat Spreader
OPA740 TTELEC-OPA740 Datasheet
506Kb / 1P
10 Watt Light Bar on OptoTherm Linear Heat Sperader
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com