Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-222M-R1-599 Datasheet(PDF) 1 Page - Eravant

Part # SWC-222M-R1-599
Description  Q-Band Waveguide to 2.4 mm Connector Adapter, Right Angle, UG-599/U Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-222M-R1-599 Datasheet(HTML) 1 Page - Eravant

  SWC-222M-R1-599 Datasheet HTML 1Page - Eravant SWC-222M-R1-599 Datasheet HTML 2Page - Eravant SWC-222M-R1-599 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-222F-R1-599 and SWC-222M-R1-599
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.3
Q-Band Waveguide to 2.4 mm Connector Adapter,
Right Angle, UG-599/U Flange
SWC-222F-R1-599 and SWC-222M-R1-599 are right angle (90°) Q-
Band waveguide to coax adapters with UG-599/U square flange that
cover the frequency range of 33 to 50 GHz. They are designed and
manufactured for instrumentation grade quality but offered at a
commercial grade price, allowing for an efficient transition between the
rectangular waveguide and 2.4 mm coax connector. The end launch
(180°) versions are offered under model numbers SWC-222F-E1-599
and SWC-222M-E1-599.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
33 GHz
50 GHz
Insertion Loss
0.4 dB
0.7 dB
Return Loss
16 dB
18 dB
Power Handling
40 W (CW)
Specification Temperature
+25°C
Operating Temperature
-45°C
+85°C
Item
Specification
Waveguide Port
WR-22 Waveguide with UG-599/U Flange
Coaxial Port
2.4 mm Female for Model Number: SWC-222F-R1-599
2.4 mm Male for Model Number: SWC-222M-R1-599
Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-QR-599
ECCN
EAR99
FEATURES
•
Full Waveguide Band Coverage
•
Lower Insertion Loss and
VSWR
•
Instrumentation Grade
•
DC Open Circuit
APPLICATIONS
• Test Lab
• Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-222M-R1-599

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-222M-R1 ERAVANT-SWC-222M-R1 Datasheet
310Kb / 3P
Q-Band Waveguide to 2.4 mm Connector Adapter, Right Angle
Rev 1.4
More results

Similar Description - SWC-222M-R1-599

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28CA001 PASTERNACK-PE-W28CA001 Datasheet
414Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE-W28CA002 PASTERNACK-PE-W28CA002 Datasheet
439Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PEWCA1000 PASTERNACK-PEWCA1000 Datasheet
369Kb / 3P
WR-28 UG-599/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz, Ka Band
PEWTS1010 PASTERNACK-PEWTS1010 Datasheet
387Kb / 3P
WR-34 to WR-28 Waveguide Transition 2 Inch Length, UG-1530/U Square Cover Flange to UG-599/U Square Cover Flange
PE-W19TS28001 PASTERNACK-PE-W19TS28001 Datasheet
443Kb / 4P
WR-19 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U Mod Round Cover Flange to UG-599/U Square Cover Flange
PE-W22TS28001 PASTERNACK-PE-W22TS28001 Datasheet
424Kb / 4P
WR-22 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U Round Cover Flange to UG-599/U Square Cover Flange
PE-W28TS42001 PASTERNACK-PE-W28TS42001 Datasheet
443Kb / 4P
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
PE-W28TS51001 PASTERNACK-PE-W28TS51001 Datasheet
443Kb / 4P
WR-28 to WR-51 Waveguide Transition 2.5 Inch Length, UG-599/U Square Cover Flange to UBR-180/U-Mod Flange
PEWAD5005 PASTERNACK-PEWAD5005 Datasheet
366Kb / 3P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
PEWAD5008 PASTERNACK-PEWAD5008 Datasheet
423Kb / 4P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com