Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-22KF-R1-599 Datasheet(PDF) 1 Page - Eravant

Part # SWC-22KF-R1-599
Description  Q-Band Waveguide to 2.92 mm Connector Adapter, Right Angle, Non-Standard Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-22KF-R1-599 Datasheet(HTML) 1 Page - Eravant

  SWC-22KF-R1-599 Datasheet HTML 1Page - Eravant SWC-22KF-R1-599 Datasheet HTML 2Page - Eravant SWC-22KF-R1-599 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-22KF-R1-599
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.3
Q-Band Waveguide to 2.92 mm Connector Adapter, Right
Angle, Non-Standard Flange
SWC-22KF-R1-599 is a right angle (90°) Q-band waveguide to coax
adapter with a non-standard square flange (UG-599/U) that covers the
frequency range of 33 to 43 GHz. It is are designed and manufactured for
instrumentation grade quality but offered at a commercial grade price,
allowing for an efficient transition between the rectangular waveguide and
2.92 mm (K) coax connector. The end launch (180°) versions are offered
under model numbers SWC-22KF-E1-599 and SWC-22KM-E1-599.
Electrical Specifications:
* Operating Frequency is limited by the 2.92 mm connector.
** Insertion Loss is tested back-to-back with a male and female adapter; the result is divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
33 GHz
43 GHz*
Insertion Loss**
0.4 dB
0.7 dB
Return Loss
16 dB
18 dB
Power Handling
40 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
RF Ports
WR-22 Waveguide with UG-599/U Flange
Coaxial
2.92 mm (K) Female
Housing Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Size
1.00” (L) x 1.13” (Ø)
Outline
WC-QR-599
ECCN
EAR99
FEATURES
•
33 to 43 GHz Coverage
•
Lower Insertion Loss and
Return Loss
•
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
•
Test Lab
•
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-22KF-R1-599

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-22KF-R1 ERAVANT-SWC-22KF-R1 Datasheet
359Kb / 3P
Q-Band Waveguide to 2.92 mm Connector Adapter, Right Angle
Rev 1.4
More results

Similar Description - SWC-22KF-R1-599

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Rosenberger Hochfrequen...
02K246-40ML5 ROSENBERGER-02K246-40ML5 Datasheet
566Kb / 2P
RPC-2.92 RIGHT ANGLE JACK PCB
02K249-40ML5 ROSENBERGER-02K249-40ML5 Datasheet
249Kb / 2P
RPC-2.92 Right Angle Jack PCB
02S221-271S3 ROSENBERGER-02S221-271S3 Datasheet
67Kb / 2P
RPC-2.92 RIGHT ANGLE PLUG
logo
Pasternack Enterprises,...
PE9889 PASTERNACK-PE9889 Datasheet
384Kb / 4P
WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
logo
Mini-Circuits
BLK-K44 MINI-BLK-K44 Datasheet
190Kb / 2P
DC Block 2.92 mm-F to 2.92mm
185F-KF MINI-185F-KF Datasheet
193Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-F
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com