Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCADA16E6-R22-C10R Datasheet(PDF) 1 Page - Multicomp Pro

Part # MCADA16E6-R22-C10R
Description  Emergency Stop Switch Soldering/Plug-in
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCADA16E6-R22-C10R Datasheet(HTML) 1 Page - Multicomp Pro

  MCADA16E6-R22-C10R Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
06/02/21
Emergency Stop Switch
Soldering/Plug-in
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
Mechanical Lifetime
: >0.1 million operations
Electric Rating
: 250V AC 5A 125V AC 8A
Max. Insulation Voltage
: >1,500V 60Hz 1min. between all terminals
Motion Tolerance
: <20 operation/min
Panel Thickness
: 0.5mm to 5mm
Degree of Protection
: IP65
Storage Temperature
: -40°C to +70°C
Operating Temperature
: -25°C to +55°C (-25°C to +70°C without lamp)
Contact Resistance
: 20mΩ (initial)
Colour
: Red
Part Number Table
Description
Part Number
Soldering/Plug-in Type Emergency Stop Switch
MCADA16E6-R22-C10R
Bottom View
Electrical Diagram
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - MCADA16E6-R22-C10R

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MCADA16E6-R11-B10R MULTICOMP-MCADA16E6-R11-B10R Datasheet
164Kb / 1P
Emergency Stop Switch
26/09/12 V1.0
MCADA16E6-R11-B1FR MULTICOMP-MCADA16E6-R11-B1FR Datasheet
164Kb / 1P
Emergency Stop Switch
26/09/12 V1.0
MCADA16E6-R11-B1GR MULTICOMP-MCADA16E6-R11-B1GR Datasheet
164Kb / 1P
Emergency Stop Switch
26/09/12 V1.0
MCADA16E6-R11-B1JR MULTICOMP-MCADA16E6-R11-B1JR Datasheet
164Kb / 1P
Emergency Stop Switch
26/09/12 V1.0
MCADA16E6-R11-B1KR MULTICOMP-MCADA16E6-R11-B1KR Datasheet
164Kb / 1P
Emergency Stop Switch
26/09/12 V1.0
More results

Similar Description - MCADA16E6-R22-C10R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
PHOENIX CONTACT
2819189 PHOENIX-2819189 Datasheet
79Kb / 5P
Emergency-stop Y plug
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
Aug 10, 2020
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
VCFN20GE SCHNEIDER-VCFN20GE Datasheet
127Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
VCFN12GE SCHNEIDER-VCFN12GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com