Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IE-BI-RJ45-C Datasheet(PDF) 2 Page - Weidmuller

Part # IE-BI-RJ45-C
Description  RJ45 insert socket, Bulkhead inserts coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

IE-BI-RJ45-C Datasheet(HTML) 2 Page - Weidmuller

  IE-BI-RJ45-C Datasheet HTML 1Page - Weidmuller IE-BI-RJ45-C Datasheet HTML 2Page - Weidmuller IE-BI-RJ45-C Datasheet HTML 3Page - Weidmuller IE-BI-RJ45-C Datasheet HTML 4Page - Weidmuller IE-BI-RJ45-C Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet
 
IE-BI-RJ45-C
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 13, 2024 2:16:21 AM CET
 
Catalogue status 09.11.2024 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Net weight
2.2 g
   
 
Temperatures
 
Operating temperature
-40 °C...70 °C
   
 
General data
 
Fire load
33 kJ
  Insert type
Insert data SteadyTec
Product type
RJ45 insert socket
  Protection degree
IP67 with housing
 
General data
 
Fire load
33 kJ
  Connection 1
RJ45
Connection 2
RJ45
  Description of article
Bulkhead inserts coupler
Colour
Miscellaneous
  Housing main material
Zinc diecast
Category
Cat.6A / Class EA (ISO/IEC
11801 2010)
  Contact surface
Gold over Nickel, Au ≥ 0.8
µm
Shielding
360° all-round enclosure,
FS 2.8 Ground connection
for equipotential bonding
  Protection degree
IP67 with housing
Plugging cycles
750
   
 
Electrical properties
 
Dielectric strength, contact / contact
≥ 1000 V AC/DC
  Dielectric strength, contact / shield
≥ 1500 V AC/DC
Insulation strength
500 MΩ
  PoE / PoE+
conforming to IEEE
802.3af
 
General standards
 
Certificate No. (DNV)
TAA000022B
  Certificate no. (cULus)
E316369
Connector standard
IEC 60603-7-51
  IP protection classes
IEC 60529
UL standard for communication acces-
sories
UL 1863
   
 
Classifications
 
ETIM 6.0
EC001121
  ETIM 7.0
EC001121
ETIM 8.0
EC001121
  ETIM 9.0
EC001121
ECLASS 9.0
27-44-03-90
  ECLASS 9.1
27-44-03-90
ECLASS 10.0
27-44-03-90
  ECLASS 11.0
27-44-03-90
ECLASS 12.0
27-44-03-90
  ECLASS 13.0
27-44-03-90
ECLASS 14.0
27-44-03-90
   
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
 
Important note
 
Product information
RJ45 inserts for plug-in connectors ver.1 / 4 / 5 / 14, HDC and junction boxes IE-OM…; IE-OP…; IE-CC…
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com