Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IE-BI-RJ45-FJ-P Datasheet(PDF) 2 Page - Weidmuller

Part # IE-BI-RJ45-FJ-P
Description  RJ45 insert socket, Connector for base, PROFINET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

IE-BI-RJ45-FJ-P Datasheet(HTML) 2 Page - Weidmuller

  IE-BI-RJ45-FJ-P Datasheet HTML 1Page - Weidmuller IE-BI-RJ45-FJ-P Datasheet HTML 2Page - Weidmuller IE-BI-RJ45-FJ-P Datasheet HTML 3Page - Weidmuller IE-BI-RJ45-FJ-P Datasheet HTML 4Page - Weidmuller IE-BI-RJ45-FJ-P Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet
 
IE-BI-RJ45-FJ-P
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 13, 2024 2:16:18 AM CET
 
Catalogue status 09.11.2024 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Net weight
16 g
   
 
Temperatures
 
Operating temperature
-40 °C...70 °C
  Humidity
0...93 % rel. humidity
 
General data
 
Insert type
Insert data SteadyTec
  Product type
RJ45 insert socket
Protection degree
IP67 with housing
   
 
General data
 
Connection 1
RJ45
  Connection 2
IDC
Description of article
Connector for base
  Wiring
PROFINET
Colour
Miscellaneous
  Shock resistance acc. to IEC 60512-6-3 250 ms-2
Vibration resistance acc. to IEC
60512-6-4
50 ms-2 sinusoidal (9…500
Hz)
  Humidity
0...93 % rel. humidity
Housing main material
Zinc diecast
  Insulation cross-section, min.
0.85 mm
Insulation cross-section, max.
1.6 mm
  Category
Cat.5 (ISO/IEC 11801)
Contact material
Spring steel, Ni 1.2 µm
  Contact surface
Gold over Nickel, Au ≥ 0.8
µm
Connection diameter, solid
0.4...0.64 mm
  Conductor connection cross-section, sol-
id (AWG)
AWG 24...AWG 22
Connection diameter, flexible
0.48...0.76 mm
  Conductor connection cross-section,
flexible (AWG)
AWG 26...AWG 22
Shielding
360° all-round enclosure,
FS 2.8 Ground connection
for equipotential bonding
  Protection degree
IP67 with housing
Plugging cycles
750
  Ability to reconnect
≥ 10 cycles for AWG
23-26, ≥ 4 cycles for AWG
22
 
Electrical properties
 
Contact resistance
≤ 20 mΩ
  Current-carrying capacity at 50 °C
1 A
Dielectric strength, contact / contact
≥ 1000 V AC/DC
  Dielectric strength, contact / shield
≥ 1500 V AC/DC
Insulation strength
500 MΩ
  PoE / PoE+
conforming to IEEE
802.3bt
 
General standards
 
Application-specific communication ca-
ble facilities
PROFINET installation in-
structions
  Certificate No. (DNV)
TAA000022B
Certificate no. (cULus)
E316369
  Connector standard
IEC 60603-7-51
IP protection classes
IEC 60529
  UL standard for communication acces-
sories
UL 1863
 
Classifications
 
ETIM 6.0
EC001121
  ETIM 7.0
EC001121
ETIM 8.0
EC001121
  ETIM 9.0
EC001121
ECLASS 9.0
27-44-03-90
  ECLASS 9.1
27-44-03-90
ECLASS 10.0
27-44-03-90
  ECLASS 11.0
27-44-03-90
ECLASS 12.0
27-44-03-90
  ECLASS 13.0
27-44-03-90
ECLASS 14.0
27-44-03-90
   
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com