Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS365DYYR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCS365DYYR
Description  SN74HCS365 Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS365DYYR Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS365DYYR Datasheet HTML 1Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS365DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
A6
A5
Y5
V
CC
15
16
OE1
A1
Y1
A2
Y2
A3
Y3
OE2
Y4
Y6
A4
D or PW Package 16-Pin SOIC or TSSOP Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
SOIC or
TSSOP NO.
NAME
1
OE1
I
Output enable 1, active low
2
A1
I
Channel 1 input
3
Y1
O
Channel 1 output
4
A2
I
Channel 2 input
5
Y2
O
Channel 2 output
6
A3
I
Channel 3 input
7
Y3
O
Channel 3 output
8
GND
—
Ground
9
Y4
O
Channel 4 output
10
A4
I
Channel 4 input
11
Y5
O
Channel 5 output
12
A5
I
Channel 5 input
13
Y6
O
Channel 6 output
14
A6
I
Channel 6 input
15
OE2
I
Output enable 2, active low
16
VCC
—
Positive supply
www.ti.com
SN74HCS365
SCLS837 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com