Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS86DYYR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74HCS86DYYR
Description  SNx4HC86 Quadruple 2-Input XOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS86DYYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS86DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 10Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 11Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 12Page - Texas Instruments SN74HCS86DYYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
8 Detailed Description
8.1 Overview
This device contains four independent 2-input XOR gates. Each gate performs the Boolean function Y = A
⊕ B in
positive logic.
8.2 Functional Block Diagram
xA
xB
xY
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
A balanced output allows the device to sink and source similar currents. The drive capability of this device
may create fast edges into light loads so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
being damaged. It is important for the output power of the device to be limited to avoid damage due to
over-current. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all
times.
The SN74HC86 can drive a load with a total capacitance less than or equal to the maximum load listed in
the Switching Characteristics - 74 connected to a high-impedance CMOS input while still meeting all of the
datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to exceed the
provided load value. If larger capacitive loads are required, it is recommended to add a series resistor between
the output and the capacitor to limit output current to the values given in the Absolute Maximum Ratings.
8.3.2 Standard CMOS Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor from the input to ground
in parallel with the input capacitance given in the Electrical Characteristics - 74. The worst case resistance is
calculated with the maximum input voltage, given in the Absolute Maximum Ratings, and the maximum input
leakage current, given in the Electrical Characteristics - 74, using ohm's law (R = V ÷ I).
Signals applied to the inputs need to have fast edge rates, as defined by the input transition time in the
Recommended Operating Conditions to avoid excessive current consumption and oscillations. If a slow or noisy
input signal is required, a device with a Schmitt-trigger input should be used to condition the input signal prior to
the standard CMOS input.
www.ti.com
SN74HC86, SN54HC86
SCLS100F – DECEMBER 1982 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74HC86 SN54HC86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com