Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS02DYYR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74HCS02DYYR
Description  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS02DYYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HCS02DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 10Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 11Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 12Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 13Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 14Page - Texas Instruments SN74HCS02DYYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
In this application, the SN74HC02 is used to create an active-low SR latch. The two additional gates can be
used for a second active-low SR latch, individually used for their logic function, or the inputs can be grounded
and both channels left unused. This device is used to drive the tamper indicator LED and provide one bit of data
to the system controller. When the tamper switch outputs LOW, the output Q becomes HIGH. This output
remains HIGH until the system controller addresses the event and sends a LOW signal to the R input which
returns the Q output back to LOW.
9.2 Typical Application
System
Controller
Tamper
Switch
R
S
Q
R1
Tamper
Indicato r
R2
Figure 9-1. Typical application diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced by all
outputs of the SN74HC02 plus the maximum static supply current, ICC, listed in Electrical Characteristics and
any transient current required for switching. The logic device can only source as much current as is provided by
the positive supply source. Be sure not to exceed the maximum total current through VCC listed in the Absolute
Maximum Ratings.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74HC02 plus the maximum supply current, ICC, listed in Electrical Characteristics, and any transient current
required for switching. The logic device can only sink as much current as can be sunk into its ground connection.
Be sure not to exceed the maximum total current through GND listed in the Absolute Maximum Ratings.
The SN74HC02 can drive a load with a total capacitance less than or equal to 50 pF while still meeting all of the
datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to exceed 50
pF.
The SN74HC02 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage and
current defined in the Electrical Characteristics table with VOH and VOL. When outputting in the high state, the
output voltage in the equation is defined as the difference between the measured output voltage and the supply
voltage at the VCC pin.
www.ti.com
SN74HC02, SN54HC02
SCLS076G – DECEMBER 1982 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74HC02 SN54HC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com