Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB710 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB710
Description  Reflective Object Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB710 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB710_07 Datasheet HTML 1Page - OPTEK Technologies OPB710_07 Datasheet HTML 2Page - OPTEK Technologies OPB710_07 Datasheet HTML 3Page - OPTEK Technologies OPB710_07 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
06/07
Page 2 of 4
Reflective Object Sensor
OPB710, OPB710F, OPB730, OPB730F
Electrical Characteristics (TA=25°C unless otherwise noted)
Absolute Maximum Ratings
(TA=25°C unless otherwise noted)
Storage Temperature Range
-20° C to +85° C
Operating Temperature Range
0° C to +70° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron](1)
260° C
Input Diode
Forward DC Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3 A
Reverse DC Voltage
3 V
Power Dissipation(2)
75 mW
Output Photosensor
Collector-Emitter Voltage
OPB710, OPB710F
OPB730, OPB730F
30 V
15 V
Emitter-Collector Voltage
5 V
Collector DC Current
25 mA
Power Dissipation(3)
150 mW
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 1.67 mW/°C above 25 ° C.
(3) Derate linearly 3.33 mW/°C above 25 ° C.
(4) Measured using Eastman Kodak neutral white test card having 90% diffuse reflectance located .250 inch (6.35 mm) from the
face of the OPB710/OPB730. Reference: Eastman Kodak, Catalog #E 152 7795.
(5) Crosstalk (ICX) is the collector current measured with the indicated current on the input diode and with no reflecting surface.
Ambient light is excluded with a black box.
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
Input Diode
(see OP165W for additional information)
VF
Forward Voltage
-
1.5
V
IF = 50 mA
IR
Reverse Current
-
100
μA
VR = 3 V
Output Phototransistor
(See OP505W for additional information)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
V
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
V
IE = 100 µA
ICEO
Collector Dark Current
OPB710, OPB710F
OPB730, OPB730F
-
-
100
250
nA
VCE = 5 V, IF = 0, EE ≤ 0.1 µW/cm
2
Combined
ICX
Crosstalk(5)
OPB710, OPB710F
OPB730, OPB730F
-
-
100
500
nA
IF = 50 mA, VCE = 5 V (no reflecting surface)
IC(ON)
On-State Collector Current(4)
OPB710, OPB710F
OPB730, OPB730F
150
1
-
-
µA
mA
IF = 50 mA, VCE = 5 V, d = 0.250” (6.35 mm)
TYP
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com