Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYDM256B16 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYDM256B16
Description  1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM256B16 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYDM256B16 Datasheet HTML 5Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 6Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 7Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 8Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 9Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 10Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 11Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 12Page - Cypress Semiconductor CYDM256B16 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CYDM256B16
CYDM128B16
CYDM064B16
Document #: 001-00217 Rev. *E
Page 9 of 25
IIX
Input Leakage Current
1.8V
1.8V
–1
1
–1
1
µA
2.5V
2.5V
–1
1
–1
1
µA
3.0V
3.0V
–1
1
–1
1
µA
ICC
Operating Current (VCC = Max.,
IOUT = 0 mA) Outputs Disabled
Ind.
1.8V
1.8V
25
40
15
25
mA
ISB1
Standby Current (Both Ports TTL
Level) CEL and CER ≥ VCC – 0.2,
SEML = SEMR = VCC – 0.2, f = fMAX
Ind.
1.8V
1.8V
2
6
2
6
µA
ISB2
Standby Current (One Port TTL
Level) CEL | CER ≥ VIH, f = fMAX
Ind.
1.8V
1.8V
8.5
18
8.5
14
mA
ISB3
Standby Current (Both Ports
CMOS Level) CEL & CER ≥
VCC − 0.2V, SEML and SEMR >
VCC – 0.2V, f = 0
Ind.
1.8V
1.8V
2
6
2
6
µA
ISB4
Standby Current (One Port CMOS
Level) CEL | CER ≥ VIH, f = fMAX[21]
Ind.
1.8V
1.8V
8.5
18
8.5
14
mA
Notes:
21. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level
standby ISB3.
Electrical Characteristics for VCC = 1.8V (continued) Over the Operating Range
Parameter
Description
CYDM256B16,
CYDM128B16,
CYDM064B16
CYDM256B16,
CYDM128B16,
CYDM064B16
Unit
-40
-55
P1 I/O
Voltage
P2 I/O
Voltage
Min.
Typ.
Max.
Min.
Typ.
Max.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com