Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPI110 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPI110
Description  Optically Coupled Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI110 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPI110_07 Datasheet HTML 1Page - OPTEK Technologies OPI110_07 Datasheet HTML 2Page - OPTEK Technologies OPI110_07 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/07
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optically Coupled Isolator
OPI110, OPI113, OPI1264 Series
2
3
1
4
OPI113
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature
(1)(2)
-40° C to +100° C
Operating Temperature
-40° C to +85° C
Input-to-Output Isolation Voltage
± 10 kVDC
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)
(3)
260° C
Input Diode
Forward DC Current
(4)
40 mA
Reverse DC Voltage
2 V
Power Dissipation
(5)
50 mW
Output Photosensor
Collector-Emitter Voltage
OPI110, OPI1264
OPI113
30
15
Power Dissipation
(6)
100 mW
Emitter-Collector Voltage
5
Notes:
(1)
Measured with input and output leads shorted. Typical input/output capacitance is 0.06 pF.
(2)
UL recognition is for 3500 VAC for one minute.
(3)
RMA flux is recommended. The duration can be extended to 10 seconds maximum when flow soldering.
(4)
Derate linearly 0.67 mA/°C above 25°C.
(5)
Derate linearly 0.83 mA/°C above 25°C.
(6)
Derate linearly 1.67 mA/°C above 25°C.
OPI1264
1
4
2
3
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
OPI110
1
4
2
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com