Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7762
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7762 Datasheet HTML 16Page - Analog Devices AD7762 Datasheet HTML 17Page - Analog Devices AD7762 Datasheet HTML 18Page - Analog Devices AD7762 Datasheet HTML 19Page - Analog Devices AD7762 Datasheet HTML 20Page - Analog Devices AD7762 Datasheet HTML 21Page - Analog Devices AD7762 Datasheet HTML 22Page - Analog Devices AD7762 Datasheet HTML 23Page - Analog Devices AD7762 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD7767
Rev. 0 | Page 21 of 24
ANTIALIASING
The AD7767/AD7767-1/AD7767-2 sample the analog input
at a maximum rate of 1.024 MHz. The on-board digital filter
provides up to 100 dB attenuation of any possible aliasing
frequencies in the range from the beginning of the filter stop
band (0.547 × ODR) to where the image of the digital filter pass
band occurs at MCLK − filter stop band (MCLK − 0.547 × ODR),
which is the first alias point. This is illustrated in Figure 42.
DIGITAL FILTER 100dB
ANTIALIAS PROTECTION
fMCLK
BAND OF INTEREST
fMCLK – (0.547 × ODR)
FIRST ALIAS POINT
DIGITAL FILTER
IMAGE AT
fMCLK
Figure 42. AD7767/AD7767-1/AD7767 Spectrum
Table 8 shows the attenuation achieved by various orders of
front-end antialias filters prior to the AD7767/AD7767-1/
AD7767-2 at the image of the digital filter stop band, which is
1.024 MHz − 0.547 × ODR.
Table 8. Antialias Filter Order Attenuation at First Alias Point
Model
Filter Order
Attenuation at
1.024 MHz – 0.547 × ODR
1st
27 dB
2nd
50 dB
AD7767
3rd
70 dB
1st
33 dB
2nd
62 dB
AD7767-1
3rd
89 dB
1st
38 dB
2nd
74 dB
AD7767-2
3rd
110 dB
The AD7764 and AD7765 sigma-delta devices are available to
customers that require extra antialias protection. These devices
sample internally at a rate of 20 MHz to achieve up to a maxi-
mum of 156 kHz or 312 kHz output data rate. This means that
the first alias point of these devices when run at the maximum
speeds are 19.921 MHz and 19.843 MHz, respectively.
POWER DISSIPATION
The AD7767/AD7767-1/AD7767-2 offer exceptional perform-
ance at ultralow power. Figure 43, Figure 44, and Figure 45
show how the current consumption of the AD7767/AD7767-1/
AD7767-2 scales with the MCLK frequency applied to the
device. Both the digital and analog currents scale as the MCLK
frequency is reduced. The actual throughput of each of the
AD7767/AD7767-1/AD7767-2 equals the MCLK frequency
applied divided by the decimation rate employed by the device
in use. For instance, operating the AD7767 device with an
MCLK of 800 kHz gives an output data rate of 100 kHz due to
the decimate by 8 filtering.
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1000k
900k
800k
700k
600k
500k
400k
300k
200k
100k
FREQUENCY (Hz)
IREF
AIDD
DIDD
Figure 43. AD7767 Current vs. MCLK Frequency
2.5
2.0
1.5
1.0
0.5
0
0
1000k
900k
800k
700k
600k
500k
400k
300k
200k
100k
FREQUENCY (Hz)
IREF
AIDD
DIDD
Figure 44. AD7767-1 Current vs. MCLK Frequency
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1000k
900k
800k
700k
600k
500k
400k
300k
200k
100k
FREQUENCY (Hz)
IREF
AIDD
DIDD
Figure 45. AD7767-2 Current vs. MCLK Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com