Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7384 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7384
Description  FRAME ENGINE AND DATA LINK MANAGER 84P672
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7384 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7384 Datasheet HTML 17Page - PMC-Sierra, Inc PM7384 Datasheet HTML 18Page - PMC-Sierra, Inc PM7384 Datasheet HTML 19Page - PMC-Sierra, Inc PM7384 Datasheet HTML 20Page - PMC-Sierra, Inc PM7384 Datasheet HTML 21Page - PMC-Sierra, Inc PM7384 Datasheet HTML 22Page - PMC-Sierra, Inc PM7384 Datasheet HTML 23Page - PMC-Sierra, Inc PM7384 Datasheet HTML 24Page - PMC-Sierra, Inc PM7384 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 358 page
background image
PM7384 FREEDM-84P672
DATA SHEET
PMC-1990445
ISSUE 5
FRAME ENGINE AND DATA LINK MANAGER 84P672
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
10
8
PIN DESCRIPTION
Table 1 – SBI Interface Signals (30)
Pin Name
Type
Pin
No.
Function
REFCLK
Input
AB3
The SBI reference clock signal (REFCLK)
provides reference timing for the SBI ADD and
DROP busses.
REFCLK is nominally a 50% duty cycle clock
of frequency 19.44 MHz ±50ppm.
FASTCLK
Input
Y1
The high-speed reference clock signal
(FASTCLK) is used by the FREEDM-84P672
to generate an internal clock for use when
processing DS-3 links.
FASTCLK is nominally a 50% duty cycle,
±50ppm clock having one of the following
frequencies: 51.84 MHz, 44.928 MHz or
66 MHz.
C1FP
Input
AE5
The C1 octet frame pulse signal (C1FP)
provides frame synchronisation for devices
connected via an SBI interface. C1FP must
be asserted for 1 REFCLK cycle every 500 µs
or multiples thereof (i.e. every 9720 n
REFCLK cycles, where n is a positive integer).
All devices interconnected via an SBI
interface must be synchronised to a C1FP
signal from a single source.
C1FP is sampled on the rising edge of
REFCLK.
Note – If the SBI bus is being operated in
synchronous mode [Ref. 4], C1FP must be
asserted for 1 REFCLK cycle every 6 ms or
multiples thereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com