Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11873 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LB11873
Description  Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11873 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LB11873 Datasheet HTML 6Page - Sanyo Semicon Device LB11873 Datasheet HTML 7Page - Sanyo Semicon Device LB11873 Datasheet HTML 8Page - Sanyo Semicon Device LB11873 Datasheet HTML 9Page - Sanyo Semicon Device LB11873 Datasheet HTML 10Page - Sanyo Semicon Device LB11873 Datasheet HTML 11Page - Sanyo Semicon Device LB11873 Datasheet HTML 12Page - Sanyo Semicon Device LB11873 Datasheet HTML 13Page - Sanyo Semicon Device LB11873 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LB11873
No.A0081-13/14
10. Phase lock signal
(1) Phase lock range
Since this IC does not have a speed system counter, the speed error range in the phase locked state cannot be
determined by the IC characteristics alone. (This is because the range is affected by the acceleration with changes in the
FG frequency.) If it is necessary to stipulate this in conjunction with a motor, it will be necessary to measure the range
with the actual motor state. Since speed errors occur easily in states where the FG acceleration is large, it is thought that
the lock pull-in time at startup and the unlock time due to clock switching will be the cases where the speed error is the
largest.
(2) Phase lock signal mask function
It is possible to assure that the lock signal is output in stable states by masking the short-term low levels due to hunting
during lock pull-in. Note, however, that the lock signal output will be delayed by the amount of the mask time.
The mask time is set by the capacitor connected between the CLD pin and ground.
Mask time (s)
≈ 6.5 × 0.98 × CCSD (μF)
When a 0.033µF capacitor is used, the mask time will be about 210ms. If full masking is required, the mask time must
be set with an adequate margin.
11. Initial reset
To apply an initial reset to the logic circuit, the IC goes to the reset state until the CSD pin voltage changes from 0V to
about 0.63V. After the reset is cleared, drive will start. The reset time can be calculated quite closely with the following
equation.
Reset time (s)
≈ 0.13 × CCSD (μF)
A reset time of over 100µs is required.
12. Power supply stabilization
Since this IC is used in switching drive applications with large output currents, the power supply line is easily
disrupted.
Therefore it is necessary to connect an adequately large capacitor between the VCC pin and ground.
The capacitor ground side is connected to the GND2 pin, which is the power system ground, and must be connected as
close as possible to the pin.
If the capacitor (an electrolytic capacitor) cannot be connected close to the pin, a ceramic capacitor of about 0.1µF must
be connected close to the pin.
If reverse control mode (torque braking) is selected for braking, since there will be states where the current returns to
the power supply, the power supply line level will be especially subject to disruption. Since the power supply line is
most easily disrupted during lock pull-in at high speeds, designers must analyze this case carefully and select an
adequately large capacitor.
Since the power supply line is particularly susceptible to disruption if a diode is inserted in the power supply line to
prevent destruction of the IC by reverse connection, an even larger capacitor must be selected in this case.
13. VREG stabilization
Connect a capacitor with a value over 0.1µF to stabilize the VREG voltage, which is the IC's control circuit power
supply. This capacitor's ground side must be connected as close as possible to the IC's control block ground (the GND1
pin).
14. Error amplifier system components
The external components for the error amplifier block must be located as close as possible to the IC to minimize the
influence of noise. These components must also be located as far from the motor as possible.
15. FRAME pin
An electrolytic capacitor must be connected between the FRAME pin and GND2 with the capacitor's ground side is
connected to GND2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com