Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32X35 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS32X35 Datasheet HTML 13Page - Maxim Integrated Products DS32X35 Datasheet HTML 14Page - Maxim Integrated Products DS32X35 Datasheet HTML 15Page - Maxim Integrated Products DS32X35 Datasheet HTML 16Page - Maxim Integrated Products DS32X35 Datasheet HTML 17Page - Maxim Integrated Products DS32X35 Datasheet HTML 18Page - Maxim Integrated Products DS32X35 Datasheet HTML 19Page - Maxim Integrated Products DS32X35 Datasheet HTML 20Page - Maxim Integrated Products DS32X35 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 21
© 2006 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.
Chip Information
SUBSTRATE CONNECTED TO GROUND
PROCESS: CMOS
Thermal Information
Theta-JA: +73°C/W
Theta-JC: +23°C/W
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
SCL
GND
SCL
SDA
VCC
32kHz
N.C.
WP
TOP VIEW
VBAT
GND
N.C.
N.C.
N.C.
N.C.
RST
INT/SQW
12
11
9
10
N.C.
N.C.
N.C.
N.C.
SO
DS32x35
Pin Configuration
Package Information
For the latest package outline information, go to
www.maxim-ic.com/DallasPackInfo.
Revision History
Rev 0; 12/06: Initial data sheet release.
Ordering Information
PART
TEMP RANGE
FRAM DENSITY
PIN-PACKAGE
TOP†
MARK
DS32B35-33#
0°C to +70°C
2k x 8
20 SO
DS32B35
DS32B35-33IND#
-40°C to +85°C
2k x 8
20 SO
DS32B35
DS32C35-33#
0°C to +70°C
8k x 8
20 SO
DS32C35
DS32C35-33IND#
-40°C to +85°C
8k x 8
20 SO
DS32C35
PACKAGE
DOCUMENT NO.
20-pin SO (300 mils)
56-G4009-001
# Denotes a RoHS-compliant device that may include lead that is exempt under RoHS requirements. The lead finish is JESD97 cate-
gory e3, and is compatible with both lead-based and lead-free soldering processes. A "#" anywhere on the top mark denotes a
RoHS-compliant device.
†An “N” anywhere on the top mark denotes an industrial grade device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com