Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11970FV Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11970FV
Description  Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11970FV Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11970FV Datasheet HTML 1Page - Sanyo Semicon Device LB11970FV Datasheet HTML 2Page - Sanyo Semicon Device LB11970FV Datasheet HTML 3Page - Sanyo Semicon Device LB11970FV Datasheet HTML 4Page - Sanyo Semicon Device LB11970FV Datasheet HTML 5Page - Sanyo Semicon Device LB11970FV Datasheet HTML 6Page - Sanyo Semicon Device LB11970FV Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB11970FV
No.A0707-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
HB maximum output current
HB
10
mA
VTH, RMI input pin withstand voltage
VTH RMI max
7
V
P-IN input pin withstand voltage
VP-IN max
VCC
V
FG output pin output withstand voltage
VFG max
18
V
FG output current
IFG max
10
mA
Allowable power dissipation
Pd max
Specified substrate *
0.8
W
Operating temperature range
Topr
-30 to 90
°C
Storage temperature range
Tstg
-55 to 150
°C
* Specified substrate: 30mm
×30mm×0.8mm, paper phenol.
Recommended Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
4.5 to 16
V
VM supply voltage
VM
3.5 to 16
V
VTH, RMI input level voltage range
VTH, RMI
0 to 6
V
P-IN input level voltage range
VP-IN
0 to VCC
V
Triangular wave input range
VRM
0.5 to 4
V
Hall input common phase input voltage range
VICM
0.2 to 3
V
Electrical Characteristics at Ta = 25
°C, VCC = 12V, Rf = 0Ω, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
ICC1
During drive
12
15
18
mA
Circuit current
ICC2
During lock protection
11
14
17
mA
HB voltage
VHB
IHB=5mA
1.12
1.22
1.32
V
6VREG voltage
V6VREG
I6VREG=5mA
5.85
5.95
6.10
V
CT pin H level voltage
VCTH
3.4
3.6
3.8
V
CT pin L level voltage
VCTL
1.4
1.6
1.8
V
CT pin charge current
ICT1
1.8
2.2
2.6
µA
CT pin discharge current
ICT2
0.18
0.22
0.26
µA
CT charge/discharge current ratio
RCT
8
10
12
OUT output L saturation voltage
VOL
IO=200mA
0.1
0.2
V
OUT output H saturation voltage
VOH
IO=200mA, Rf=1Ω
0.6
0.8
V
Current limiter
VRF
480
mV
Hall input sensitivity
VHN
Zero peak value
(including offset and hysteresis)
10
20
mV
FG output pin L voltage
VFG
IFG=5mA
0.2
0.3
V
FG output pin leak current
IFGL
VFG=7V
30
µA
Overheat protection circuit
THD
* Design guarantee value
180
°C
*: Design target value and no measurement was made.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com