Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72F3661 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72F3661
Description  CMOS IC Electronic tuning radio for car audio ETR Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72F3661 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72F3661 Datasheet HTML 1Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 2Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 3Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 4Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 5Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 6Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 7Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 8Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LC72F3661
No.0461-2/15
• Interrupt nesting levels
: 11 levels
Interrupts are prioritized in hardware as follows :
HOLD pin>INT0 pin>INT1 pin> INT4 pin>INT5 pin>
S-I/O0>S-I/O1>Internal TMR0>Internal TMR1>Internal TMR2>
Internal TMR3
• A/D Converter
: 8-bit resolution and 6 inputs
• General-purpose ports
: Input ports : 10
Output ports : 2
I/O ports : 48 (These pins can be switched between input and output in 1-bit units.)
• PLL block
: Includes a sub-charge pump for high-speed locking.
Supports dead zone control.
Built-in unlock detection circuit
Twelve reference frequencies : 1kHz, 3kHz, 3.125kHz, 5kHz, 6.25kHz, 9kHz,
10kHz, 12.5kHz, 25kHz, 30kHz, 50kHz, and 100kHz
• Universal counter
: This 20-bit counter can be used for either frequency or period measurement and
supports four measurement (calculation) periods : 1ms, 4ms, 8ms, and 32ms
• Timers
: Two fixed timers and two programmable timers (8-bit counters)
TMR0
: Supports four periods : 10
µs, 100µs, 1ms, and 5ms
TMR1
: Supports four periods : 10
µs, 100µs, 1ms, and 10ms
TMR2 and TMR3 : Programmable 8-bit counters.
Input clocks with 10
µs, 100µs, and 1ms
One 125-ms timer flip-flop provided
• Beep circuit
: Provides 12 fixed beep tones :
500Hz, 1kHz, 2kHz, 2.08kHz, 2.2kHz, 2.5kHz, 3.33kHz,
3.75kHz, 4.17kHz, and 7.03kHz
Programmable 8-bit beep tone generator.
Reference clocks with frequencies of 50kHz, 15kHz, and 5kHz.
• Reset
: Built-in voltage detection reset circuit
External reset pin
• Cycle time
: 1.33
µs/833ns (All instructions are one word), X’tal : 4.5MHz/7.2MHz
(4.5MHz when initialization is to be performed. When 7.2MHz is used, select 4.5MHz
by software.)
• Halt mode
: Stops the operation clock of the controller.
There are four conditions that can clear Halt mode : Interrupt requests,
timer flip-flop overflows, port PA inputs, and HOLD pin inputs.
• Operating supply voltage : 4.5 to 5.5V (Microcontroller block only : 3.5 to 5.5V)
• Package
: QIP80E
• Development tools
: Emulator
: RE128V
Evaluation chip
: LC72EV3780
Evaluation board
: EB-72EV3780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com