Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873990AYLFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS873990AYLFT
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990AYLFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS873990AYLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS873990AYLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
4
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
TABLE 3B. FEEDBACK CONTROL FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
2
B
F
_
L
E
S
F1
B
F
_
L
E
S
F0
B
F
_
L
E
S
FB
F
Q
00
0
2
÷
00
1
4
÷
01
0
6
÷
01
1
8
÷
10
0
8
÷
10
1
6
1
÷
11
0
4
2
÷
11
1
2
3
÷
TABLE 3A. SELECT PIN FUNCTION TABLE
TABLE 3C. INPUT CONTROL FUNCTION TABLE
n
i
P
t
u
p
n
I
l
o
r
t
n
o
C0
c
i
g
o
L1
c
i
g
o
L
N
E
_
L
L
PL
L
P
s
e
l
b
a
n
EL
L
P
s
e
s
s
a
p
y
B
L
E
S
_
O
C
VO
C
V
f2
/
O
C
V
f
L
E
S
_
F
E
RL
A
T
X
s
t
c
e
l
e
SK
L
C
_
T
S
E
T
s
t
c
e
l
e
S
R
M-
-
-s
t
u
p
t
u
o
s
t
e
s
e
R
L
E
S
_
C
N
Y
Ss
t
u
p
t
u
o
s
t
c
e
l
e
Ss
t
u
p
t
u
O
C
Q
h
c
t
a
M
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
p
u
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
TABLE 2. PIN CHARACTERISTICS
s
t
u
p
n
Is
t
u
p
t
u
O
3
L
E
S
F2
L
E
S
F1
L
E
S
F0
L
E
S
Fx
A
Qx
B
Qx
C
Q
00
0
0
2
÷2
÷2
÷
00
0
1
2
÷2
÷4
÷
00
1
0
2
÷4
÷4
÷
00
1
1
2
÷2
÷6
÷
01
0
0
2
÷6
÷6
÷
01
0
1
2
÷4
÷6
÷
011
0
2
÷4
÷8
÷
011
1
2
÷6
÷8
÷
10
0
0
2
÷2
÷8
÷
10
0
1
2
÷8
÷8
÷
10
1
0
4
÷4
÷6
÷
10
1
1
4
÷6
÷6
÷
110
0
4
÷6
÷8
÷
110
1
6
÷6
÷8
÷
11
1
0
6
÷8
÷8
÷
11
1
1
8
÷8
÷8
÷



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com