Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-28KF-R1-1530 Datasheet(PDF) 1 Page - Eravant

Part # SWC-28KF-R1-1530
Description  Ka-Band Waveguide to K Connector Adapter, Right Angle, Non-Standard Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-28KF-R1-1530 Datasheet(HTML) 1 Page - Eravant

  SWC-28KF-R1-1530 Datasheet HTML 1Page - Eravant SWC-28KF-R1-1530 Datasheet HTML 2Page - Eravant SWC-28KF-R1-1530 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-28KF-R1-1530
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.3
Ka-Band Waveguide to K Connector Adapter, Right
Angle, Non-Standard Flange
SWC-28KF-R1-1530 is a right angle (90°) Ka-Band waveguide to coax
adapters that cover the frequency range of 26.5 to 40 GHz. The
waveguide port is WR-28 waveguide with a non-standard UG-1530/U
square flange. It’s designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the rectangular waveguide and female 2.92 mm (K)
coax connector. The end launch (180°) versions is offered under model
numbers SWC-28KF-E1-1530.
Electrical Specifications:
*Insertion loss is tested back to back with a male and female adapter, the result is divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
26.5 GHz
40 GHz
Insertion Loss
0.35 dB
0.50 dB
Return Loss
17 dB
20 dB
Power Handling
50 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide Port
WR-28 Waveguide with a Non-Standard UG-1530/U
Flange
Coaxial
2.92 mm (k) Female Connector
Housing Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Size
1.00” (L) x 0.75” (S)
Outline
WC-AR-1530
ECCN
EAR99
FEATURES
•
Broad Band Coverage
•
Lower Insertion Loss High Return
Loss
•
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
•
Test Lab
•
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-28KF-R1-1530

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-28KF-R1-V ERAVANT-SWC-28KF-R1-V Datasheet
332Kb / 2P
Ka-Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Rev 1.4
More results

Similar Description - SWC-28KF-R1-1530

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
K / Ka Band Power Amplifier MMIC
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
Pasternack Enterprises,...
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE-W28CA001 PASTERNACK-PE-W28CA001 Datasheet
414Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE-W28CA002 PASTERNACK-PE-W28CA002 Datasheet
439Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE9889 PASTERNACK-PE9889 Datasheet
384Kb / 4P
WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1000 PASTERNACK-PEWCA1000 Datasheet
369Kb / 3P
WR-28 UG-599/U Square Cover Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz, Ka Band
PEWCA1018 PASTERNACK-PEWCA1018 Datasheet
368Kb / 3P
WR-42 UG-595/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz, K Band
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com